KTS-2A-R
AI

The **KTS-2A-R** is an electronic component primarily classified as a **Bimetallic Thermostat (Temperature Switch)**. It is frequently used for thermal protection and temperature control in industrial and household applications.
---
### 1. Key Technical Specifications
Below are the typical technical parameters for the KTS-2A-R series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Bimetallic Thermostat / Thermal Switch |
| **Contact Type** | Normally Open (NO) or Normally Closed (NC) |
| **Rated Voltage** | 125V AC / 250V AC |
| **Rated Current** | 2A to 5A (varies by sub-model) |
| **Operating Temperature** | Custom ranges (e.g., 40°C to 150°C) |
| **Tolerance** | ±5°C or ±10°C |
| **Housing Material** | Heat-resistant plastic or PBT |
---
### 2. Physical Construction
The "R" in the suffix often denotes a specific mounting style or a **rectangular** body shape. The internal parts include:
1. **Bimetallic Disc:** The core sensing element consisting of two metals with different expansion coefficients. It snaps at a specific temperature.
2. **Contact Points:** Silver or alloy contacts that open or close the electrical circuit.
3. **Terminal Leads:** Conductive pins (often solder-type or plug-in) for PCB or wire integration.
4. **Insulating Case:** Protects the internal mechanism from environmental factors and electrical shorts.
---
### 3. Working Principle
The KTS-2A-R operates based on the principle of **thermal expansion**:
* **Normal State:** The bimetallic disc remains in its original shape, keeping the circuit in its default state (Closed or Open).
* **Trigger State:** As the ambient temperature rises to the "Action Temperature," the disc snaps into an inverted position. This mechanical motion pushes a pin that separates or joins the electrical contacts.
* **Reset:** Once the temperature drops below the "Reset Temperature," the disc snaps back to its original position, restoring the circuit.
---
### 4. Common Applications
Due to its small form factor and reliability, it is used in:
* **Power Supplies:** To prevent overheating of transformers.
* **Battery Packs:** Thermal protection during charging cycles.
* **Small Appliances:** Hairdryers, coffee makers, and electric heaters.
* **LED Drivers:** Protecting sensitive electronics from heat-induced failure.
- ⤷
What is the specific trip temperature for your KTS-2A-R model?
- ⤷ How do you distinguish between the Normally Open and Normally Closed versions?
- ⤷ Can this component be used in DC circuits instead of AC?