KTN-R-25
AI

### Analysis of the KTN-R-25 Fuse
The **KTN-R-25** is a high-performance industrial fuse manufactured by Bussmann (Eaton). It is designed to provide overcurrent protection for electrical systems, specifically categorized under **Class RK1**.
---
### Technical Specifications
| Feature | Specification |
|:---|:---|
| **Model Number** | KTN-R-25 |
| **Amperage Rating** | 25 Amps |
| **Voltage Rating** | 250 VAC (Volts Alternating Current) |
| **Interrupting Rating** | 200,000 AIC (Amps Interrupting Capacity) |
| **Fuse Class** | Class RK1 |
| **Response Characteristic** | Fast-Acting |
| **Body Material** | Melamine/Fiberglass Tube |
| **End Caps** | Silver-plated brass/copper |
---
### Key Components and Features
1. **Class RK1 Classification**:
* This is a "Current Limiting" fuse. It is designed to clear a fault extremely quickly, significantly reducing the amount of destructive energy (let-through energy) that reaches downstream components.
* It features a physical rejection tip to prevent the installation of lower-rated fuses (like Class H or K) into the same fuse holder.
2. **Fast-Acting Response**:
* Unlike "Time-Delay" fuses, the KTN-R-25 reacts almost instantly to overloads and short circuits.
* **Application Note:** It is *not* recommended for circuits with high inductive loads (like motors) that have large starting surges, as it may cause nuisance blowing.
3. **High Interrupting Rating**:
* With a **200kA AIC**, it can safely handle massive short-circuit currents without exploding or arcing over, making it suitable for main service entrances and heavy industrial panels.
4. **Construction**:
* The internal element is typically made of high-grade copper or silver alloy precision-notched to ensure accurate melting points.
* The body is constructed from non-conductive, heat-resistant melamine.
---
### Typical Applications
* **Resistive Loads:** Electric heating systems.
* **Branch Circuit Protection:** General-purpose lighting and appliance circuits.
* **Critical Infrastructure:** Data centers and hospitals where high-speed disconnection is required to protect sensitive electronics.
* **Panelboards:** Used as a primary safety measure in 250V distribution panels.
---
### Comparison: KTN-R vs. KTS-R
While they belong to the same family, the primary difference is the voltage rating:
* **KTN-R:** Rated for **250V** systems.
* **KTS-R:** Rated for **600V** systems.
- ⤷
What is the difference between a Fast-Acting fuse and a Time-Delay fuse in industrial settings?
- ⤷ Can a Class RK1 fuse be replaced with a Class RK5 fuse?
- ⤷ How do I test a KTN-R-25 fuse using a multimeter?