KTN-R-110
AI

The **KTN-R-110** is a specific type of industrial power fuse belonging to the **Class RK1** family. It is manufactured by companies like Bussmann (Eaton) and is designed for high-performance circuit protection.
### 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the KTN-R-110:
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 110 Amperes |
| **Voltage Rating** | 250 VAC (Volts Alternating Current) |
| **Interrupting Rating** | 200,000 Amps RMS Symmetrical |
| **Fuse Class** | Class RK1 |
| **Speed/Characteristic** | Fast-Acting |
| **Body Material** | Melamine or Fiber tube with metal end caps |
| **Mounting Style** | Blade / Knife Blade |
---
### 2. Key Component Features
#### A. Fast-Acting Response
Unlike "Time-Delay" fuses (which allow for temporary motor surges), the KTN-R-110 is **fast-acting**. It is designed to open almost instantly when it detects an overcurrent. This makes it ideal for protecting sensitive electronic equipment and resistive loads where a delay could result in component damage.
#### B. Current Limitation (RK1 Designation)
The "R" in the part number indicates it is a **Rejection** style fuse.
* **High Limitation:** Because it is an RK1 fuse, it provides superior current limitation compared to RK5 fuses.
* **Rejection Feature:** The physical shape includes a notch in one of the blades. This prevents lower-rated fuses (like Class H or K) from being installed in a dedicated Class R fuse block, ensuring the safety integrity of the system is maintained.
#### C. High Interrupting Capacity
With a rating of **200kA**, this fuse can safely stop a massive short-circuit current without exploding or arching over, which is critical for industrial power distribution panels.
---
### 3. Common Applications
Due to its fast response and high amperage, the KTN-R-110 is typically used in:
* **Power Distribution Centers:** Protecting main branch circuits.
* **Resistive Loads:** Electric heating elements and lighting systems.
* **Semiconductor Protection:** Often used as a primary defense for power supplies and rectifiers.
* **Non-Inductive Loads:** Any circuit that does not have a high "in-rush" current (like a large motor start-up).
---
### 4. Comparison: KTN-R vs. FRN-R
| Feature | KTN-R (Fast-Acting) | FRN-R (Time-Delay) |
| :--- | :--- | :--- |
| **Reaction to Surge** | Opens immediately | Withstands temporary surge |
| **Best For** | Electronics/Heating | Motors/Transformers |
| **Class** | RK1 | RK5 |
- ⤷What is the difference between an RK1 and an RK5 fuse holder?
- ⤷ Can a KTN-R-110 fuse be used in a 480V system?
- ⤷ Why would I choose a fast-acting fuse over a time-delay fuse for industrial equipment?