công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KTN-R-100

  • AI
    ## Technical Overview: KTN-R-100 Fuse The **KTN-R-100** is a high-performance, current-limiting electrical fuse. It belongs to the **Class RK1** family, which is specifically designed to provide superior protection for power distribution systems and motor circuits. --- ### 1. Key Technical Specifications The following table outlines the fundamental electronic and physical properties of the KTN-R-100: | Property | Specification | | :--- | :--- | | **Manufacturer** | Commonly Eaton (Bussmann Series) | | **Current Rating** | 100 Amperes | | **Voltage Rating** | 250 Volts AC | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical | | **Fuse Class** | Class RK1 | | **Response Characteristic** | Fast-Acting | | **Material** | Melamine tube with plated brass end caps | --- ### 2. Component Design & Composition The KTN-R-100 is engineered with specific electronic components to ensure safety: * **Fast-Acting Element:** Unlike "Time-Delay" fuses, the internal element is designed to open (blow) quickly when it detects an overcurrent. This is critical for protecting sensitive electronic equipment that cannot withstand even brief surges. * **Current-Limiting Capability:** It significantly limits the "let-through" energy. In the event of a short circuit, the fuse acts so fast that it prevents the peak current from ever reaching its full potential. * **Rejection Feature:** As an "R" rated fuse, it features a physical notch in the mounting blade. This prevents the installation of lower-rated fuses (like Class H or K) into the same fuse holder, ensuring the system's safety integrity remains intact. --- ### 3. Common Applications Due to its fast response time and high interrupting capacity, the KTN-R-100 is typically used in: 1. **Branch Circuit Protection:** Standard electrical panels where 100A service is required. 2. **Resistive Loads:** Ideal for electric heating elements where there are no high-current motor startups. 3. **Critical Power Systems:** Used in data centers or telecommunications where protecting downstream components from short-circuit damage is a priority. 4. **Inverters and Controllers:** Providing a "fail-safe" for large power electronics. --- ### 4. Comparison: RK1 vs. RK5 *The KTN-R (RK1) is often preferred over the FRN-R (RK5) for higher protection levels.* | Feature | KTN-R (RK1) | FRN-R (RK5) | | :--- | :--- | :--- | | **Current Limitation** | Very High | Moderate | | **Let-through Energy** | Lower (Better protection) | Higher | | **Interchangeability** | Fits RK5 holders | Fits RK1 holders (if no rejection clip) | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a fast-acting fuse and a time-delay fuse in motor applications?
    • ⤷ Can a KTN-R-100 be used in a 480V circuit?
    • ⤷ How do I identify if a KTN-R-100 fuse has blown without a visual window?