KTN-R-10
AI

## KTN-R-10 Fuse Specifications and Characteristics
The **KTN-R-10** is a specific type of industrial-grade electrical fuse belonging to the **Limitron™** series, manufactured primarily by **Eaton Bussmann**. It is designed for fast-acting protection in power distribution systems.
### 1. Technical Specifications
The following table outlines the primary electrical ratings for the KTN-R-10:
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 10 Amperes |
| **Voltage Rating (AC)** | 250 Volts AC |
| **Interrupting Rating** | 200,000 Amps (RMS Symmetrical) |
| **Fuse Class** | Class RK1 |
| **Response Speed** | Fast-Acting |
| **Termination Style** | Ferrule (Cartridge) |
---
### 2. Key Physical Dimensions
The KTN-R-10 follows standard Class R dimensions to ensure compatibility with specialized fuse holders.
* **Length:** 2.0 inches (50.8 mm)
* **Diameter:** 0.56 inches (14.3 mm)
* **Body Material:** Melamine or Fiber tube with silver-plated brass end caps.
---
### 3. Functional Characteristics
#### A. Fast-Acting Response
Unlike time-delay fuses, the KTN-R-10 is designed to open almost instantly when it detects an overcurrent or short-circuit condition. This makes it ideal for protecting sensitive electronic components that cannot withstand prolonged surges.
#### B. Current Limitation
As a **Class RK1** fuse, it provides a high degree of current limitation. It restricts the amount of "let-through" energy during a fault, which prevents damage to downstream equipment and reduces the risk of arc flash.
#### C. Rejection Feature
The "R" in KTN-R signifies a **rejection** capability. These fuses have a specific physical notch in the end cap. When used with a Class R fuse block, it prevents the installation of lower-rated fuses (like Class H or K), ensuring the integrity of the safety design.
---
### 4. Typical Applications
The KTN-R-10 is commonly found in the following environments:
* **Branch Circuit Protection:** Guarding individual lines in a power distribution panel.
* **Resistive Loads:** Used for heating elements or lighting circuits where inrush current is minimal.
* **Control Transformers:** Protecting the primary or secondary sides of small industrial transformers.
* **Panelboards:** General-purpose protection in industrial and commercial facilities.
- ⤷
What is the difference between KTN-R and KTS-R series fuses?
- ⤷ Can a KTN-R-10 be replaced with a time-delay fuse like the FRN-R-10?
- ⤷ How does the interrupting rating of 200kA benefit industrial safety?