KTN-R-1
AI

The **KTN-R-1** is a specific model of high-performance industrial fuse. It belongs to the **Class RK1** family of fuses, which are known for their high degree of current limitation and reliability in protecting electrical circuits.
---
### 1. Technical Specifications
The table below outlines the core electronic and physical characteristics of the KTN-R-1:
| Feature | Specification |
| :--- | :--- |
| **Model Number** | KTN-R-1 |
| **Current Rating** | 1 Ampere |
| **Voltage Rating** | 250 Volts AC |
| **Interrupting Rating** | 200,000 Amps RMS Symmetrical |
| **Fuse Class** | Class RK1 |
| **Speed/Characteristic** | Fast-Acting |
| **Material** | Melamine tube with plated bronze end caps |
---
### 2. Key Components and Design
To understand the "electronic parts" of this device, it is important to look at its internal construction:
* **The Fuse Element:** A calibrated metallic link (usually made of silver or copper) designed to melt at exactly 1 Ampere of sustained current. Because it is "Fast-Acting," it responds almost instantaneously to short circuits.
* **Arc Quenching Filler:** The interior is filled with high-purity silica sand. When the element melts, the sand absorbs the heat and extinguishes the electrical arc.
* **Rejection Feature:** The "R" in KTN-R signifies a rejection notch. This physical design prevents lower-rated fuses (like Class H or K) from being installed in a Class R fuse clip, ensuring the circuit remains protected at the 200kA interrupting level.
---
### 3. Application and Usage
The KTN-R-1 is typically used in industrial environments rather than consumer electronics. Common applications include:
1. **Control Transformers:** Protecting the primary side of small transformers.
2. **Sensitive Instrumentation:** Ensuring that a minor surge does not damage expensive monitoring equipment.
3. **Circuit Branch Protection:** Providing a "Gold Standard" of protection for non-inductive loads where fast response is critical.
---
### 4. Comparison: RK1 vs. RK5
While both fit similar holders, the KTN-R (RK1) is superior to the FRN-R (RK5) in terms of current limitation:
| Feature | KTN-R (RK1) | FRN-R (RK5) |
| :--- | :--- | :--- |
| **Response Time** | Fast-Acting | Time-Delay |
| **Current Limitation** | High | Moderate |
| **Best For** | Resistive Loads | Motor Loads |
- ⤷
What is the difference between KTN-R and KTS-R fuses?
- ⤷ Can a 1 Amp KTN-R fuse be replaced by a 1 Amp FRN-R fuse?
- ⤷ How does the interrupting rating of 200
- ⤷000 Amps protect a circuit?