công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KTK-R-7

  • AI
    ## KTK-R-7 Electronic Component Overview The **KTK-R-7** is a specialized high-performance industrial fuse. It belongs to the **Limitron™** series manufactured by Eaton's Bussmann Division. This component is specifically designed to provide high-speed response to short circuits and overload conditions in control circuits and small motor loads. --- ### 1. Technical Specifications The table below outlines the primary electrical and mechanical characteristics of the KTK-R-7. | Characteristic | Specification | | :--- | :--- | | **Current Rating** | 7 Amperes | | **Voltage Rating (AC)** | 600 Vac | | **Interrupting Rating** | 200,000 AIC (Amps Interrupting Capacity) | | **Fuse Class** | Class CC | | **Response Time** | Fast-Acting | | **Material** | Melamine tube with nickel-plated brass endcaps | | **Dimensions** | 13/32" x 1-1/2" (10.3 x 38.1 mm) | --- ### 2. Key Features The KTK-R-7 is distinguished by several critical design features: * **Rejection Feature:** As a **Class CC** fuse, it features a physical "rejection tip." This prevents the installation of lower-rated fuses (like standard midget fuses) into a Class CC fuse holder, ensuring the safety integrity of the circuit. * **High Interrupting Capacity:** With a rating of 200kA, it can safely clear very high fault currents without exploding or damaging the surrounding equipment. * **Current Limiting:** It is a "Current Limiting" fuse, meaning it reacts fast enough to stop the peak current of a short circuit from reaching its full potential, protecting sensitive downstream components. --- ### 3. Common Applications Due to its fast-acting nature and 600V rating, it is commonly found in: 1. **Control Circuit Transformers:** Protecting the primary side of the transformer. 2. **Lighting Ballasts:** Preventing fire hazards in industrial lighting. 3. **Small Motor Circuits:** Where high-speed protection is required for branch circuits. 4. **Heating, Ventilation, and Air Conditioning (HVAC):** Used in control panels. --- ### 4. Comparison: KTK vs. KTK-R It is vital to distinguish between the standard KTK and the KTK-R series: ```markdown - KTK: Standard midget fuse (no rejection tip). - KTK-R: Class CC fuse with a rejection tip for specialized safety holders. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a fast-acting fuse and a time-delay fuse in industrial applications?
    • ⤷ Can a KTK-R-7 be replaced by a FNQ-R-7 fuse in a motor circuit?
    • ⤷ Which specific fuse holders are compatible with Class CC rejection fuses?