KSP-13-R
AI

The **KSP-13-R** is a specific model of a **Miniature Pushbutton Switch**. It is widely used in electronic devices for momentary power control or signal triggering due to its compact size and reliability.
### 1. Technical Specifications
The electrical and mechanical properties of the KSP-13-R are summarized in the table below:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Momentary Pushbutton |
| **Contact Configuration** | SPST (Single Pole Single Throw) |
| **Circuit State** | Normally Open (OFF-ON) |
| **Voltage Rating** | 125V AC / 250V AC |
| **Current Rating** | 1A to 3A (depending on manufacturer) |
| **Mounting Type** | Panel Mount (Threaded) |
| **Termination** | Solder Lugs / Terminals |
---
### 2. Key Electronic Components & Materials
The internal and external construction of the switch involves several critical parts:
* **Actuator (Button):** Usually made of high-grade plastic (often red or black). It is the interface the user presses to close the circuit.
* **Internal Spring:** A precision-engineered metal spring that provides the "momentary" action, pushing the button back to the "Open" position once released.
* **Contact Plates:** Typically made of copper alloy with **silver plating**. Silver is used to ensure low contact resistance and prevent oxidation.
* **Housing/Body:** Constructed from phenolic resin or nylon, providing high insulation resistance to prevent electrical leakage between the terminals and the panel.
---
### 3. Connection Diagram
The KSP-13-R is a two-terminal device. In a standard electronic circuit, it acts as a gatekeeper:
```text
[Power Source (+)] ---- [Terminal 1] (Switch) [Terminal 2] ---- [Load/Microcontroller] ---- [GND]
```
* **Logic Level:** When used with microcontrollers (like Arduino), it typically requires a **pull-up or pull-down resistor** to prevent floating inputs.
* **Power Switching:** When used in AC circuits, it is strictly for low-power applications (under 3A).
---
### 4. Common Applications
* **Reset Buttons:** For computers or industrial control panels.
* **User Input:** Simple "Start" or "Trigger" functions in DIY electronics.
* **Testing Equipment:** Used as a momentary pulse generator in lab environments.
- ⤷
What is the difference between the KSP-13-R and a latching switch?
- ⤷ What is the recommended panel hole diameter for mounting this switch?
- ⤷ How do I wire this switch to an Arduino with a pull-up resistor?