AI

The **KSL-53-R/Q** is a specific type of **Tactile Switch** (also known as a Push Button Switch) commonly used in consumer electronics, automotive controls, and industrial interfaces. It belongs to the KSL series, which features a long-stroke actuator and a sealed body.
---
### 1. General Specifications
The KSL series is designed for durability and a distinct "click" feel. Below are the typical technical characteristics:
| Property | Value/Description |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Contact Arrangement** | SPST (Single Pole Single Throw), Normally Open |
| **Mounting Type** | Through-hole (PCB) |
| **Actuation Force** | Typically 1.6N to 2.5N (depending on exact sub-model) |
| **Operating Life** | ~100,000 to 500,000 cycles |
| **Seal Rating** | IP60 or IP67 (dust-tight/water-resistant options) |
---
### 2. Breakdown of the Model Name
While specific manufacturer codes can vary slightly, the nomenclature usually breaks down as follows:
* **KSL**: The series identifier (usually representing a "Long Travel" or "Sealed" tactile switch).
* **53**: This often refers to the **actuator height** or specific mechanical dimensions (e.g., 5.0mm height).
* **R**: Generally stands for **Rubber** actuator or **RoHS** compliance.
* **Q**: Typically indicates the **contact plating** (often Silver-plated) or a specific packaging/taping method.
---
### 3. Key Electronic Components
Inside the KSL-53-R/Q, several critical parts work together to complete the circuit:
#### A. The Contact Dome (Snap Disk)
This is the heart of the switch. It is a thin, convex metal disk that provides the "tactile" feedback. When pressed, it collapses to bridge the circuit; when released, it snaps back to its original shape.
#### B. The Actuator (Stem)
In the "R" variant, this is often a rubberized or soft-touch plunger. It transmits the physical force from the user's finger to the contact dome. The "long stroke" design means there is more vertical movement before the switch "fires" compared to standard flat buttons.
#### C. Terminals (Pins)
The "Q" variant usually features silver-plated brass terminals. These pins are soldered into the PCB. Silver is used for its high conductivity and low contact resistance.
#### D. Base and Housing
Made of high-temperature thermoplastic (like LCP or PBT) to withstand wave soldering temperatures without melting.
---
### 4. Common Applications
* **Automotive:** Steering wheel buttons, window controls, and dashboard interfaces.
* **Industrial:** Control panels that require a rugged, sealed switch to prevent dust ingress.
* **White Goods:** Microwaves, washing machines, and HVAC controls.
---
- ⤷What is the difference between the 'R' and 'G' suffixes in KSL series switches?
- ⤷ What is the recommended soldering temperature for the KSL-53 series?
- ⤷ How does the IP67 rating of this switch compare to standard tactile switches?