KSL-153-R/Q
AI

The **KSL-153-R/Q** is a specific type of micro-switch (often referred to as a limit switch or snap-action switch) commonly used in home appliances, automotive controls, and industrial machinery.
Below is the breakdown of its electronic components and specifications.
---
### 1. General Specifications
The KSL series is designed for low-force actuation and high reliability. The "R/Q" suffix usually denotes specific terminal orientations or lever types.
| Parameter | Typical Value |
| :--- | :--- |
| **Current Rating** | 10A to 15A (depending on AC voltage) |
| **Voltage Rating** | 125VAC / 250VAC |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Actuation Force** | 50g to 200g (varies by model) |
| **Mechanical Life** | > 1,000,000 cycles |
| **Terminal Type** | Quick-connect (Q) or Solder (R) |
---
### 2. Internal Electronic Structure
The switch functions as a mechanical transducer, converting physical movement into an electrical signal.
* **Contact Points:** Usually made of silver alloy to ensure high conductivity and minimize electrical arcing.
* **Snap-Action Spring:** A beryllium copper or stainless steel spring that ensures the contacts move instantly regardless of the speed of the external actuator.
* **Plunger/Actuator:** The physical interface. On the "153" model, this often features a **Long Hinge Roller Lever**, allowing for smooth operation with cams or sliding parts.
---
### 3. Pinout Configuration (SPDT)
The device features three primary terminals:
| Terminal Label | Description | Function |
| :--- | :--- | :--- |
| **COM** | Common | The input terminal where power enters. |
| **NC** | Normally Closed | The circuit is ON when the lever is NOT pressed. |
| **NO** | Normally Open | The circuit is ON only when the lever IS pressed. |
---
### 4. Typical Applications
* **Microwave Ovens:** Used as a safety interlock for the door.
* **3D Printers:** Used as an "End-Stop" sensor to define the X, Y, or Z axis limits.
* **Vending Machines:** To detect the presence of a coin or product dispensing.
* **Industrial Automation:** To sense the position of moving machine arms.
---
### 5. Identification Code Breakdown
While naming conventions vary by manufacturer (like Kingway or Omron-style clones), the code generally follows this logic:
* **KSL:** Series identifier (Micro-switch).
* **15:** Amperage rating (15 Amps).
* **3:** Lever type (usually signifies a roller lever).
* **R/Q:** Terminal style (R = Right angle or Solder; Q = Quick connect/Faston).
- ⤷What is the difference between the NC and NO terminals in a practical circuit?
- ⤷ How do I test if a KSL-153 switch is faulty using a multimeter?
- ⤷ Can this switch be used for DC applications like 12V automotive projects?