KSF-KSF-R
AI

Based on electronic component nomenclature and common industry standards, **KSF-KSF-R** typically refers to a specific series of **Wire-to-Board Connectors** or **Pin Header Assemblies**, often associated with manufacturers like JST (specifically the KS series) or generic high-density connector brands.
Below is a breakdown of the technical aspects of this electronic part.
---
### 1. General Specifications
The "KSF" designation usually implies a **crimp-style** or **IDC (Insulation Displacement Connector)** housing intended for high-reliability connections in compact electronic devices.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Pitch** | 1.0mm or 1.25mm (Ultra-low profile) |
| **Current Rating** | 1.0A AC/DC |
| **Voltage Rating** | 50V to 100V AC/DC |
| **Temperature Range** | -25°C to +85°C |
| **Termination Style** | Through-hole or SMT (Surface Mount) |
---
### 2. Part Number Breakdown
While manufacturer-specific codes vary, the "R" suffix in electronic components almost always denotes compliance or packaging types.
* **KSF**: The Series/Family Name (identifies the physical dimensions and mating interface).
* **KSF (Secondary)**: Often denotes a male/female pair or a specific orientation (e.g., Vertical vs. Right Angle).
* **-R**: Typically stands for **RoHS Compliant** (Restriction of Hazardous Substances) or **Tape & Reel** packaging for automated SMT assembly.
---
### 3. Key Electronic Characteristics
These parts are engineered for signal integrity and space-saving.
* **Contact Resistance**: Low initial resistance (usually < 20mΩ) to ensure minimal signal loss.
* **Insulation Resistance**: High threshold (e.g., 100MΩ min) to prevent leakage between closely spaced pins.
* **Locking Mechanism**: Often features a friction lock or a small "click" latch to prevent accidental disconnection due to vibration.
* **Material**: The housing is usually made of heat-resistant plastic (like Nylon 66 or LCP) to withstand reflow soldering temperatures.
---
### 4. Common Applications
Due to their small footprint, these connectors are found in:
1. **LCD Displays**: Connecting backlight units to the main driver board.
2. **Handheld Devices**: Linking batteries or small speakers to the PCB.
3. **Drones/Robotics**: Used in sensor arrays where weight and space are critical.
4. **LED Lighting**: Connecting strips to power controllers.
---
### 5. Schematic Symbol & Footprint
If you are using this in a CAD tool like Altium or KiCad, the footprint typically follows this logic:
```c
// Example Footprint Logic for KSF-1.0-R
Pins: 2 to 20 (Depending on variant)
Type: Surface Mount (SMT) or Through-hole
Lead Pitch: 1.0mm
Orientation: Right-angle (-R sometimes implies Right-angle in specific brands)
```
- ⤷
What is the exact pin count for the specific KSF-KSF-R component you are using?
- ⤷ Are you looking for the datasheet from a specific manufacturer like JST or Molex?
- ⤷ Do you need the SMT landing pattern dimensions for PCB layout?