công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KSF-BA-R/CE

  • AI
    The **KSF-BA-R/CE** is a specialized electronic module, typically associated with **Kromschröder** (a brand under Honeywell) or similar industrial automation systems focusing on gas burner controls and safety interlocks. --- ## 1. Component Overview This specific part number usually refers to a **Bus Interface or Control Module** used in industrial burner management systems (BMS). It acts as a bridge between field devices and the main controller. | Feature | Description | | :--- | :--- | | **Model Type** | KSF (Kromschröder System Family) | | **Configuration** | BA (Bus Adapter / Basic Unit) | | **Interface** | R (Relay output or Remote capability) | | **Certification** | CE (European Conformity - Safety & Health) | --- ## 2. Key Electronic Specifications The internal electronics are designed for high reliability in harsh industrial environments. ### Power and Logic * **Operating Voltage:** Typically operates on **24V DC** or **110/230V AC** depending on the specific internal sub-board configuration. * **Signal Processing:** Uses high-speed optocouplers to provide galvanic isolation between the high-voltage field side and the low-voltage logic side. ### Communication Interface * **Bus Protocol:** Often utilizes a proprietary or standard fieldbus (like CANopen or PROFIBUS) to communicate status to the central Burner Control Unit (BCU). * **Addressing:** Includes rotary switches or DIP switches on the PCB for manual bus address setting. --- ## 3. Electronic Architecture The hardware is structured into three primary sections: 1. **Input Conditioning:** Filters electronic noise from sensors (flame detectors, pressure switches) to prevent false triggering. 2. **Logic Controller:** A dedicated microcontroller that monitors inputs and manages the "Safe State." 3. **Output Stage:** Usually features **Electromechanical Relays** or **Solid State Relays (SSR)** designated by the "R" in the model name, used for triggering solenoid valves or ignition transformers. --- ## 4. Safety & Compliance (CE) The electronic design adheres to strict European standards for thermal processes: * **EN 298:** Standards for automatic gas burner control systems. * **EMC Compatibility:** Shielding against electromagnetic interference to prevent logic resets during high-voltage ignition. --- ## 5. Wiring Example (Generic Representation) ```yaml Terminal | Function | Description ------------------------------------------------------ L(+) | Power Supply | Main input voltage N(-) | Neutral/Ground | Reference ground 1-2 | Bus A/B | Communication data lines 3-4 | Relay Output (R) | Dry contact for interlock ```
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage requirements for the KSF-BA-R/CE?
    • ⤷ How do I configure the bus address on this module?
    • ⤷ Can this module be used for continuous operation burner systems?