KSF-5B-R
AI

## Overview of the KSF-5B-R
The **KSF-5B-R** is a specific electronic component typically identified as a **Tactile Switch** (or Push Button Switch). These components are widely used in consumer electronics, industrial controls, and PC peripherals to provide user input and physical feedback.
---
### 1. Technical Specifications
Below are the general technical parameters associated with this series of tactile switches:
| Parameter | Value / Range |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Surface Mount (SMT/SMD) or Through-Hole |
| **Contact Rating** | 50mA, 12V DC |
| **Operating Force** | 160gf to 250gf (Commonly) |
| **Travel (Stroke)** | 0.25mm ± 0.1mm |
| **Contact Resistance** | < 100mΩ |
| **Insulation Resistance** | > 100MΩ (100V DC) |
| **Dielectric Strength** | 250V AC for 1 minute |
---
### 2. Physical Characteristics
The "KSF" series is known for its compact footprint and reliability.
* **Actuator Style:** Usually a small plunger or button integrated into the housing.
* **Terminals:** Silver-plated or Gold-plated lead frames for high conductivity and oxidation resistance.
* **Feedback:** Provides a distinct "click" sound and tactile snap when pressed.
* **Durability:** Typically rated for 50,000 to 100,000 cycles depending on the specific sub-model.
---
### 3. Pinout and Internal Logic
As a momentary switch, the internal logic is "Normally Open" (NO).
```text
(1) ------- (2)
| |
[Switch]
| |
(3) ------- (4)
Logic:
- Pins 1 and 2 are usually internally connected.
- Pins 3 and 4 are usually internally connected.
- Pressing the button closes the circuit between (1,2) and (3,4).
```
---
### 4. Common Applications
The KSF-5B-R is found in various devices requiring a small interface:
1. **Consumer Electronics:** Remote controls, microwave buttons, and cameras.
2. **Computing:** Reset buttons on motherboards or peripheral input keys.
3. **Industrial:** Control panels and PLC interface modules.
4. **Automotive:** Dashboard controls and key fobs.
---
- ⤷What is the footprint size (dimensions) of the KSF-5B-R?
- ⤷ Are there specific soldering temperature recommendations for this SMD part?
- ⤷ Can this switch be used in AC power circuits or is it limited to DC?