công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KSBS-BA-R/Q

  • AI
    The **KSBS-BA-R/Q** refers to a high-precision, industrial-grade **Pressure Transmitter** (or pressure switch) typically manufactured by brands like **Kobold** or similar process instrumentation companies. These devices are used to monitor and control fluid or gas pressure in automated systems. Below is a breakdown of the electronic and technical components associated with this series. --- ### 1. Technical Specifications The "R/Q" designation usually refers to the output configuration or the connection type. | Feature | Description | | :--- | :--- | | **Sensing Element** | Thin-film strain gauge or ceramic thick-film sensor | | **Output Signal** | 4-20 mA (Analog) or 0-10 VDC | | **Supply Voltage** | 12 - 30 VDC | | **Accuracy** | Generally $\le \pm 0.5\%$ of full scale | | **Switching Type** | PNP or NPN transistor outputs (for the "Q" logic variants) | | **Connection** | M12 plug or DIN 43650 connector | --- ### 2. Electronic Component Breakdown #### A. The Pressure Transducer (Sensor Core) At the heart of the KSBS is a bridge circuit. When pressure is applied to the diaphragm, it causes a physical deformation that changes the electrical resistance of the bridge. This is known as the **Piezoresistive Effect**. #### B. Signal Conditioning (ASIC) The raw millivolt signal from the sensor is too weak for industrial use. The internal electronics include an **Application-Specific Integrated Circuit (ASIC)** that performs: * **Amplification:** Boosting the signal to standard levels (e.g., 4-20mA). * **Temperature Compensation:** Correcting errors caused by changes in ambient temperature. * **Linearization:** Ensuring the output is a straight-line representation of the pressure. #### C. Protection Circuitry To survive industrial environments, the internal PCB includes: * **Reverse Polarity Protection:** Prevents damage if the + and - wires are swapped. * **Overvoltage Protection:** Guards against voltage spikes (EMC/ESD protection). * **Short-circuit Protection:** Protects the output stage if the load is shorted. --- ### 3. Wiring Configuration (General) Depending on whether the unit is an "R" (Resistance/Analog) or "Q" (Switching) model, the wiring usually follows this standard for M12 connectors: ```markdown Pin 1: +Vcc (Brown) Pin 2: Analog Output / NC (White) Pin 3: 0V / Ground (Blue) Pin 4: Switching Output / Digital (Black) ``` --- ### 4. Application Environments Due to its robust electronics, the KSBS-BA series is commonly found in: * **Hydraulic Systems:** Monitoring oil pressure in presses. * **Pneumatics:** Compressed air line regulation. * **Pump Control:** Dry-run protection or pressure maintenance.
    ✨ Follow-up Questions
    • ⤷ What is the specific pressure range for your model?
    • ⤷ Do you need the specific pinout diagram for the M12 connector?
    • ⤷ Are you troubleshooting a specific error signal or output failure?