KSBS-2B-R
AI

The **KSBS-2B-R** is a specific electronic component typically categorized as a **Tactile Push-Button Switch** or a **Micro Switch**. These components are widely used in consumer electronics, automotive controls, and industrial interfaces.
---
### 1. Technical Specifications
Below are the general specifications for this class of switch:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch |
| **Circuitry** | SPST (Single Pole Single Throw) |
| **Switch Function** | Momentary (Normally Open) |
| **Mounting Type** | Through-Hole or Surface Mount (model dependent) |
| **Operating Force** | Typically 160gf to 250gf |
| **Travel Distance** | ~0.25mm |
| **Voltage Rating** | 12V DC - 50V DC |
| **Current Rating** | 50mA |
---
### 2. Key Internal Components
The KSBS-2B-R operates using a simple but precise mechanical structure:
1. **Actuator (Button):** The top part that the user presses. In the "R" suffix models, this often refers to a specific height or material (Red or Rubberized in some naming conventions).
2. **Contact Dome:** A metal disc that collapses when pressed, providing the "click" feel (tactile feedback) and completing the electrical circuit.
3. **Terminal Pins:** Conductive metal legs that are soldered to the PCB.
4. **Base/Housing:** Usually made of heat-resistant thermoplastic to withstand soldering temperatures.
---
### 3. Application Use Cases
This part is commonly found in the following devices:
* **Consumer Electronics:** Reset buttons on routers, volume buttons on small gadgets.
* **Peripherals:** Mouse buttons or keyboard function keys.
* **Industrial:** Interface panels for PLC controllers.
* **Automotive:** Dash buttons or key fobs.
---
### 4. Schematic Representation
In an electrical circuit, the KSBS-2B-R is represented as follows:
```text
(In) o-------/ -------o (Out)
(Momentary)
```
---
- ⤷
What is the pin pitch for the KSBS-2B-R switch?
- ⤷ Does this model come in a waterproof (IP67) variant?
- ⤷ What is the mechanical life expectancy in cycles for this part?