công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KS2-B5-R

  • AI
    The **KS2-B5-R** refers to a specific series of miniature, high-reliability toggle switches, commonly manufactured by brands like **OTTO Controls**. These components are engineered for demanding environments, such as aerospace, defense, and industrial machinery. Below is a breakdown of the electronic and physical characteristics of this part. --- ### 1. Technical Specifications The "KS2" series typically denotes a sealed, sub-miniature toggle switch. Here are the core specifications: | Feature | Specification (Typical) | | :--- | :--- | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Switch Action** | On-None-On (Maintained) | | **Current Rating** | 5 Amps @ 28VDC / 115VAC | | **Sealing Level** | IP68S (Submersible) or MIL-PRF-83731 | | **Terminal Type** | Solder Terminals / PC Pins | | **Operating Temp** | -55°C to +85°C | --- ### 2. Key Electronic Components & Design #### A. Contact Mechanism The internal contacts are usually made of **silver with gold plating**. * **Silver** provides excellent conductivity for high-current loads. * **Gold plating** prevents oxidation, ensuring low contact resistance even when the switch is used infrequently in low-power (logic level) circuits. #### B. Sealing and Insulation The "R" suffix often refers to a specific RoHS compliance or a reinforced sealing method. * **Silicone Boot/Seal:** The toggle base is sealed to prevent moisture, dust, and sand from entering the contact chamber. * **Dielectric Strength:** These parts are designed to withstand high voltages (typically 1,000 Vrms) between the terminals and the case without arcing. #### C. Mechanical Life Unlike consumer-grade switches, the KS2-B5-R is rated for high mechanical endurance, often exceeding **50,000 to 100,000 cycles**. This is achieved through a "snap-action" spring mechanism that ensures a fast, clean break of the electrical connection to minimize electrical pitting. --- ### 3. Part Number Breakdown (Generic OTTO Format) | Prefix | Mounting/Style | Terminal Style | Contact Material | | :--- | :--- | :--- | :--- | | **KS2** | Sub-miniature Series | **B5**: Standard Bushing | **R**: RoHS Compliant / Specific Finish | --- ### 4. Common Applications * **Avionics:** Cockpit control panels where space is limited. * **Military Handhelds:** Ruggedized radio and GPS equipment. * **Heavy Equipment:** Control sticks for cranes or excavators. * **Marine Electronics:** Dashboards exposed to salt spray and water.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SPDT and DPDT configurations in the KS2 series?
    • ⤷ Does this switch require a specific torque for panel mounting?
    • ⤷ Can the KS2-B5-R handle low-level logic currents below 10mA?