AI

The **KRTBS-3C2-R** is a specific electronic component produced by **Kingbright**. It is a high-performance **Full-Color (RGB) Surface Mount (SMD) LED**. This part is widely used in display panels, backlighting, and decorative lighting where space is limited but high color output is required.
---
### 1. Key Technical Specifications
The device contains three separate LED chips (Red, Green, and Blue) within a single package, allowing for full-color mixing.
| Parameter | Red (R) | Green (G) | Blue (B) |
|:---|:---|:---|:---|
| **Wavelength (Typ)** | 621 nm | 525 nm | 465 nm |
| **Luminous Intensity** | 120-250 mcd | 300-600 mcd | 100-200 mcd |
| **Forward Voltage (Typ)** | 2.0 V | 3.2 V | 3.2 V |
| **Viewing Angle** | 120° | 120° | 120° |
---
### 2. Package and Construction
The "KRTB" series identifies this as a sub-miniature RGB SMD device.
* **Package Dimensions:** Typically 1.0mm x 1.0mm (1010 package size) or 1.6mm x 1.6mm depending on the specific sub-series.
* **Encapsulation:** Clear epoxy lens for maximum light transmission.
* **Common Cathode/Anode:** Usually configured as a **4-pin** device where one pin is common (Common Anode is standard for this series) and the other three control the individual colors.
---
### 3. Application Use Cases
Due to its small footprint and precise color control, the KRTBS-3C2-R is found in:
1. **Indoor Video Walls:** High-density LED screens and billboards.
2. **Consumer Electronics:** Indicator lights for smartphones, wearable tech, and smart home hubs.
3. **Backlighting:** Illuminating membrane switches and LCD panels.
4. **Gaming Peripherals:** RGB lighting for keyboards and mice.
---
### 4. Implementation Example
To interface this LED with a microcontroller (like an Arduino or ESP32), you must use current-limiting resistors for each color channel.
```cpp
// Example: Setting a Purple color on KRTBS-3C2-R
int redPin = 9;
int greenPin = 10;
int bluePin = 11;
void setup() {
pinMode(redPin, OUTPUT);
pinMode(greenPin, OUTPUT);
pinMode(bluePin, OUTPUT);
}
void loop() {
analogWrite(redPin, 255); // Red Full
analogWrite(greenPin, 0); // Green Off
analogWrite(bluePin, 255); // Blue Full
}
```
---
### 5. Handling Precautions
* **Moisture Sensitivity:** These are MSL (Moisture Sensitivity Level) rated. They must be stored in vacuum-sealed bags to prevent damage during reflow soldering.
* **ESD Sensitivity:** Blue and Green chips are sensitive to static electricity. Proper ESD grounding is required during assembly.
- ⤷
What are the resistor values recommended for the KRTBS-3C2-R at 5V?
- ⤷ Is the KRTBS-3C2-R common anode or common cathode?
- ⤷ How does the 1010 package size compare to 0603 LEDs?