AI

The **KRTB-2C2-R/Q** is a high-performance, surface-mount (SMD) **Tri-color RGB LED** manufactured by ROHM Semiconductor. It is specifically designed for high-density mounting and superior color mixing, commonly used in full-color displays and indicator panels.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **LED Colors** | Red, Green, Blue (RGB) |
| **Package Size** | 1010 (1.0 x 1.0 mm) |
| **Configuration** | Common Anode |
| **Luminous Intensity (Red)** | ~25 - 56 mcd @ 5mA |
| **Luminous Intensity (Green)** | ~56 - 140 mcd @ 5mA |
| **Luminous Intensity (Blue)** | ~14 - 36 mcd @ 5mA |
| **Forward Voltage (Typ)** | R: 1.9V | G: 2.8V | B: 2.8V |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Internal Structure and Pinout
The device integrates three separate LED chips into a single ultra-miniature package. By controlling the current flowing through each chip, you can achieve a wide spectrum of colors, including white.
* **Common Anode (+) :** The positive terminals of all three LEDs are connected internally to a single pin.
* **Individual Cathodes (-) :** Each color (R, G, B) has its own negative terminal, allowing independent brightness control via Pulse Width Modulation (PWM).
---
### 3. Core Electronic Features
* **Miniaturization:** The 1.0mm x 1.0mm footprint allows for an extremely fine pixel pitch, making it ideal for high-resolution indoor LED screens.
* **Black Package Base:** The housing is typically black-faced to improve contrast levels in display applications, reducing reflections from ambient light.
* **Low Power Consumption:** Optimized to operate at low forward currents (typically 5mA), reducing heat dissipation in dense arrays.
* **Color Uniformity:** ROHM utilizes precision sorting to ensure that the wavelength and brightness are consistent across different batches.
---
### 4. Circuit Implementation Example
To drive this LED using a microcontroller (like an Arduino or ESP32), you generally use current-limiting resistors for each cathode.
```cpp
// Example: Setting a custom color via PWM
int redPin = 9; // Connect to Red Cathode
int greenPin = 10; // Connect to Green Cathode
int bluePin = 11; // Connect to Blue Cathode
void setup() {
pinMode(redPin, OUTPUT);
pinMode(greenPin, OUTPUT);
pinMode(bluePin, OUTPUT);
}
void loop() {
// Common Anode: Low value (0) = Brightest, High value (255) = OFF
analogWrite(redPin, 150);
analogWrite(greenPin, 200);
analogWrite(bluePin, 50);
}
```
---
### 5. Common Applications
* **High-Resolution Displays:** Indoor LED billboards and video walls.
* **Consumer Electronics:** Status indicators for smartphones, wearables, and laptops.
* **Gaming Peripherals:** RGB lighting for keyboards and mice where space is limited.
* **Automotive Interior:** Small-scale ambient lighting and dashboard icons.
- ⤷
What are the recommended resistor values for the KRTB-2C2-R/Q at 5V?
- ⤷ How does the 'Common Anode' configuration affect the choice of LED driver?
- ⤷ What is the peak wavelength for the Red
- ⤷ Green
- ⤷ and Blue chips in this model?