công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KRS-4B-R

  • AI
    The **KRS-4B-R** is an electronic relay module commonly used in automation, control panels, and interface electronics. It is typically manufactured by brands like **Kacon** and is designed to bridge the gap between low-power control signals (like a PLC output) and high-power loads. --- ### 1. Technical Specifications The core of the KRS-4B-R is its 4-channel relay configuration. Below are the standard electronic specifications: | Feature | Specification | | :--- | :--- | | **Channels** | 4-Point (Independent relays) | | **Input Voltage** | Typically 24V DC (Model dependent) | | **Contact Rating** | 5A to 10A at 250V AC / 30V DC | | **Contact Arrangement** | 1c (SPDT - Single Pole Double Throw) per channel | | **Indicator** | LED status for each channel | | **Mounting** | DIN Rail (35mm) | --- ### 2. Key Electronic Components The internal circuitry consists of several critical parts that ensure safety and signal integrity: 1. **Electromagnetic Relays:** The physical switching components that use an electromagnet to mechanically move contacts. 2. **Flyback Diodes:** Connected across the relay coils to suppress voltage spikes (back EMF) generated when the coil is de-energized, protecting the driving controller. 3. **LED Indicators:** Visual diagnostics that glow when the specific channel's coil is energized. 4. **Terminal Blocks:** Screw-type connectors designed for secure wiring of both input (control) and output (load) signals. 5. **Varistors (Optional/Internal):** Some versions include surge absorption to prevent contact arcing. --- ### 3. Wiring Logic The module acts as a dry contact switch. The electronic logic is divided into two isolated sides: * **Input Side (Coil):** Receives the signal from a sensor or PLC. Usually requires a common (COM) and a signal (+). * **Output Side (Contact):** Consists of three terminals per relay: * **COM:** Common terminal. * **NO:** Normally Open (closes when energized). * **NC:** Normally Closed (opens when energized). --- ### 4. Common Applications * **PLC Output Expansion:** Protecting PLC internal relays from high-current loads. * **Signal Conversion:** Converting a DC control signal to switch an AC motor or lamp. * **Isolation:** Providing galvanic isolation between high-voltage power circuits and sensitive electronics.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP input types for this relay module?
    • ⤷ How do I calculate the maximum load capacity for the KRS-4B-R?
    • ⤷ What are the common failure modes for electromagnetic relay modules like the KRS-4B-R?