KPY33-R
AI

The **KPY33-R** is a specialized silicon-based pressure sensor known for its high sensitivity and reliability in measuring absolute pressure. It belongs to the KPY family of sensors, typically manufactured by Infineon (formerly Siemens).
---
## 1. Core Specifications
The KPY33-R is a piezoresistive sensor, meaning its electrical resistance changes when mechanical stress (pressure) is applied.
| Feature | Description |
| :--- | :--- |
| **Sensor Type** | Absolute Pressure Sensor |
| **Technology** | Piezoresistive Silicon Strain Gauge |
| **Pressure Range** | 0 to 2.0 bar (approx. 0 to 200 kPa) |
| **Package Style** | TO-39 (Hermetically sealed metal can) |
| **Output Signal** | Analog Voltage (Bridge output) |
| **Linearity** | High linearity with low hysteresis |
---
## 2. Electrical Configuration
The internal structure of the KPY33-R consists of four resistors integrated into a chemically etched silicon diaphragm, arranged in a **Wheatstone Bridge** circuit.
### Pinout Configuration (Standard TO-39)
The device typically features 4 to 6 pins depending on the specific variant, but the standard bridge configuration follows this logic:
1. **Supply Voltage (+V_in):** Positive excitation voltage.
2. **Output Signal (+V_out):** Positive differential output.
3. **Supply Voltage (-V_in/Ground):** Negative excitation/Common.
4. **Output Signal (-V_out):** Negative differential output.
---
## 3. Key Electronic Characteristics
To integrate the KPY33-R into a circuit, developers must account for the following electronic behaviors:
* **Excitation Voltage:** Usually operates between 5V and 10V DC.
* **Bridge Resistance:** Typically around $4k\Omega$ to $8k\Omega$.
* **Temperature Compensation:** Like most silicon sensors, it is sensitive to temperature. High-precision applications require an external compensation circuit (NTC resistors or op-amp trimming).
* **Sensitivity:** It provides a millivolt-level output (e.g., 20mV/bar), meaning it requires an **Instrumentation Amplifier** (like the AD620 or an op-amp circuit) before the signal can be read by a Microcontroller (MCU) ADC.
---
## 4. Typical Application Circuit
Because the output is a differential signal, the electronic interface usually follows this path:
```text
[KPY33-R Sensor] -> [Instrumentation Amplifier] -> [Low Pass Filter] -> [Microcontroller ADC]
```
### Example Considerations
* **Amplification:** Since the raw output is in millivolts, a gain of 50x to 100x is often necessary.
* **Shielding:** The metal TO-39 case is often connected to the ground pin to reduce electromagnetic interference (EMI).
---
## 5. Applications
* **Barometric Pressure Measurement:** Weather stations and altimeters.
* **Industrial Pneumatics:** Monitoring compressed air systems.
* **Automotive:** Manifold absolute pressure (MAP) or tire pressure sensing.
* **Medical Equipment:** Monitoring air/liquid pressure in controlled environments.
- ⤷
How do I calculate the output voltage for a specific pressure level on the KPY33-R?
- ⤷ What are the recommended instrumentation amplifiers for use with piezoresistive sensors?
- ⤷ Does the KPY33-R require external temperature compensation components?