KPAU-B2MB-R
AI

The **KPAU-B2MB-R** is a specific surface-mount (SMD) tactile switch often utilized in consumer electronics, automotive interfaces, and industrial controls. It belongs to the category of electromechanical components designed for user input.
---
### 1. General Specifications
The KPAU series is characterized by its compact footprint and high reliability. Below are the typical technical parameters for this part:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch (Push Button) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Circuit Type** | SPST (Single Pole Single Throw) |
| **Switch Function** | Momentary (Normally Open) |
| **Operating Force** | Typically 1.6N to 2.5N (160gf - 250gf) |
| **Contact Rating** | 50mA @ 12V DC |
| **Travel distance** | ~0.25 mm |
---
### 2. Key Electronic Characteristics
* **Momentary Action:** The switch only completes the circuit while the button is physically depressed. Once released, the internal spring mechanism returns the contact to the "Open" position.
* **Contact Resistance:** Typically very low (under 100mΩ), ensuring minimal signal loss or heat generation during activation.
* **Insulation Resistance:** Designed to withstand high voltage (usually 100MΩ min at 100V DC) to prevent leakage between terminals.
* **Tactile Feedback:** The "B" in the series often denotes the specific haptic "click" feel provided by the internal metal dome.
---
### 3. Physical Construction
The part suffix codes (B2MB-R) usually indicate specific packaging and orientation:
1. **Terminals:** Usually features "J-bend" or "Gull-wing" leads for SMT soldering.
2. **Actuator:** A small rubber or plastic plunger that transmits force to the internal metal dome.
3. **The "-R" Suffix:** Typically signifies **Tape & Reel** packaging, which is essential for automated pick-and-place assembly machines.
4. **Sealing:** These switches are often dust-resistant, though specific IP ratings depend on the exact sub-variant.
---
### 4. Typical Application Circuit
In digital electronics, this switch is commonly used as a "Reset" or "Function" button connected to a Microcontroller (MCU).
```cpp
// Example: Simple Arduino Pull-up Configuration
void setup() {
pinMode(2, INPUT_PULLUP); // Connect KPAU switch between Pin 2 and Ground
}
void loop() {
int buttonState = digitalRead(2);
if (buttonState == LOW) {
// Switch is pressed
}
}
```
---
- ⤷
What is the maximum operating temperature for the KPAU-B2MB-R?
- ⤷ Can you provide the physical dimensions (footprint) for PCB layout?
- ⤷ What is the mechanical life expectancy (number of cycles) for this switch?