công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KNS-D2-R

  • AI
    The **KNS-D2-R** refers to a specific series of high-precision, heavy-duty industrial rotary knobs, typically categorized as **Collet Knobs**. These are widely used in professional audio equipment, medical devices, and industrial control panels where a secure, non-slip connection to a potentiometer or rotary switch shaft is required. --- ### 1. Technical Specifications The "D2" and "R" suffixes usually denote specific physical dimensions and color coding. Below is a breakdown of the typical electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Fixing Method** | Collet System (Internal brass tightening sleeve) | | **Shaft Diameter** | Commonly 6.0mm or 6.4mm (1/4") | | **Body Material** | High-grade Polyamide (Nylon) or ABS | | **Insert Material** | Brass (for durability and electrical grounding) | | **Operating Temp** | -20°C to +60°C | | **Cap Style** | Usually features a pointer/line for position indexing | --- ### 2. Key Electronic Components & Design While the knob itself is passive, its electronic "parts" and design features serve critical functions: * **The Collet Mechanism:** Unlike cheap "push-on" or "set-screw" knobs, the KNS-D2-R uses a circular brass collet. When the top screw is tightened, it applies even pressure around the entire circumference of the potentiometer shaft. This prevents "wobble" and ensures precise calibration of the electronic component. * **Insulation Properties:** The outer shell is made of non-conductive polymer, providing electrical insulation between the user and the internal circuitry, which is vital if the potentiometer is switching high voltages. * **The Cap (R - Red):** The "R" usually indicates a **Red** color cap or pointer. In electronic interface design, red is often used for "Master Volume," "Gain," or "Emergency Parameter" controls to distinguish them from standard blue or grey functions. --- ### 3. Structural Breakdown A standard KNS-D2-R assembly consists of the following four parts: 1. **The Knob Body:** The main grip surface. 2. **The Collet:** A brass sleeve that slides over the component shaft. 3. **The Nut:** A hexagonal or slotted nut that sits atop the collet; tightening this pulls the collet tight. 4. **The Cap:** A snap-on plastic cover (Red) that hides the tightening nut and provides the visual indicator. --- ### 4. Typical Applications * **Precision Test Equipment:** Multimeters and Oscilloscopes. * **Pro Audio:** Mixing consoles and boutique guitar amplifiers. * **Industrial Automation:** Tuning sensitivity on sensors or motor speed controllers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a collet knob and a set-screw knob?
    • ⤷ Does the KNS-D2-R support D-shaped shafts or only round shafts?
    • ⤷ How do I choose the correct cap size for the KNS series?