công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KNP-RV1RCTB

  • AI
    The **KNP-RV1RCTB** is a specific electronic component identifier typically associated with high-precision, wirewound resistors, often manufactured by companies like **KOA Speer** or similar industrial component providers. Below is a detailed breakdown of its characteristics, functions, and technical specifications. --- ## 1. Component Identification This part is a **Power Wirewound Resistor**. The "KNP" series generally denotes a Flameproof Coating Wirewound Resistor designed to handle high power loads and provide excellent stability. ### Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Resistor (Wirewound) | | **Series** | KNP (Flameproof) | | **Core Material** | Ceramic Rod | | **Resistive Element** | Alloy Wire (Nichrome or similar) | | **Coating** | UL94V-0 Flame Retardant Silicone | | **Mounting Type** | Through-hole (Axial Lead) | | **Special Feature** | High Surge Withstanding Capability | --- ## 2. Key Characteristics The electronic parts within this component are engineered for specific electrical environments: * **Pulse Handling:** Wirewound resistors are superior to carbon or metal film resistors when it comes to handling sudden energy surges or pulses. * **Flame Resistance:** The "RV" designation often points to a safety-rated coating that will not ignite or produce flames even under severe overload conditions. * **Low Inductance Options:** While standard wirewound resistors have inductance, specific variations in the KNP series can be wound (Ayrton-Perry winding) to minimize inductive effects. * **Thermal Stability:** These parts maintain a consistent resistance value even as temperature fluctuates (Low Temperature Coefficient of Resistance). --- ## 3. Part Number Breakdown (Generic Structure) While internal manufacturer codes vary, the string "KNP-RV1RCTB" usually follows this logic: 1. **KNP:** Series Name (Wirewound Resistor). 2. **RV:** Safety/Flameproof rating or specific coating style. 3. **1:** Power Rating (likely 1 Watt, though this can vary by package size). 4. **R:** Tolerance/Ohmic value indicator (e.g., Decimal point or 5% tolerance). 5. **CTB:** Packaging code (e.g., Cut and Taped Box or Ammo Pack). --- ## 4. Typical Applications These components are used in circuits where safety and power management are critical: * **Power Supplies:** Used as "Inrush Current Limiters" to protect sensitive components during startup. * **Motor Controllers:** For snubbing circuits and current sensing. * **Consumer Electronics:** Used in AC adapters and chargers where flameproof safety standards are mandatory. * **Industrial Equipment:** Heavy-duty timing and control circuits.
    ✨ Follow-up Questions
    • ⤷ What is the exact power rating and resistance value of this specific part?
    • ⤷ How does a wirewound resistor compare to a metal film resistor in surge protection?
    • ⤷ What are the soldering temperature requirements for the KNP series?