công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KNP-RV100RBP

  • AI
    The **KNP-RV100RBP** is a specific model within a series of **Wirewound Resistors**. These components are primarily used for power dissipation, current sensing, and circuit protection in industrial and consumer electronics. Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. Technical Specifications The part number typically follows a standard coding convention for KNP (Wirewound) resistors. | Parameter | Description | | :--- | :--- | | **Type** | KNP (Wirewound Fixed Resistor) | | **Resistance Value** | 100 Ω (indicated by "100R") | | **Tolerance** | ±5% (standard for "J" or "B" series, though suffix "BP" may vary) | | **Mounting Style** | Through-hole (Radial or Vertical Lead) | | **Coating** | Flameproof Silicone or Epoxy Resin | | **Features** | Non-inductive (if specified), High Stability | --- ### 2. Internal Construction The "KNP" series is built using high-quality materials to handle thermal stress: * **Core:** A high-purity ceramic rod (Alumina) acts as the substrate. * **Resistive Element:** A resistive wire (usually Nickel-Chromium or Manganese-Copper alloy) is wound around the ceramic core. * **Termination:** Steel caps are fitted to the ends of the core, and leads (usually tinned copper) are welded to these caps. * **Coating:** The assembly is coated with a flameproof material that prevents the resistor from catching fire during extreme overloads. --- ### 3. Key Electronic Characteristics #### A. Power Handling Wirewound resistors like the KNP series are known for their ability to handle **high surge currents**. They have a higher thermal mass compared to thin-film or carbon-film resistors, making them ideal for "inrush" current protection. #### B. Precision and Stability While not as precise as metal film resistors, they offer excellent long-term stability and a low Temperature Coefficient of Resistance (TCR), meaning the resistance value stays relatively constant even as the component heats up. #### C. Inductance Considerations Because the wire is wound in a coil, standard KNP resistors have some **parasitic inductance**. This makes them unsuitable for high-frequency applications (MHz range) unless they are specifically designated as "Non-Inductive" (often marked as NKNP). --- ### 4. Common Applications The KNP-RV100RBP is typically found in: 1. **Power Supplies:** Used as a bleeder resistor or for current limiting. 2. **Motor Controllers:** Handling back-EMF and small surges. 3. **Home Appliances:** Integrated into washing machines or AC units for circuit protection. 4. **Audio Equipment:** Used in crossover networks for speakers.
    ✨ Follow-up Questions
    • ⤷What is the maximum wattage rating for the KNP-RV series?
    • ⤷ How does the 'BP' suffix specifically change the lead configuration?
    • ⤷ Can this resistor be used in high-frequency RF circuits?