KNP-R3AV1RGTB
AI

Based on the part number **KNP-R3AV1RGTB**, this electronic component is a **Wirewound Resistor**. This specific series is widely used in power supplies, industrial controls, and consumer electronics due to its ability to handle high temperatures and surge currents.
---
### 1. Technical Specifications
The part number can be broken down into specific technical parameters:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | KNP | Wirewound Resistor (Flame-proof) |
| **Power Rating** | 0.3W (300mW) | The maximum power it can dissipate safely. |
| **Resistance Value** | 1.0 $\Omega$ | Indicated by "1R0" or similar coding in the series. |
| **Tolerance** | $\pm$2% or $\pm$5% | The allowable deviation from the nominal resistance. |
| **Temperature Coeff.** | $\pm$300 ppm/°C | Stability of resistance over temperature changes. |
| **Packaging** | Taping / Box | "TB" usually indicates Ammo Pack / Tape in Box. |
---
### 2. Key Features
* **Flame-proof Construction:** The coating (usually silicone or cement-based) is designed not to ignite even under severe overload conditions.
* **High Surge Capability:** Because the resistive element is a physical wire wrapped around a ceramic core, it handles energy spikes better than Film resistors.
* **Low Inductance Options:** While standard wirewounds have some inductance, certain KNP variations are wound to minimize it.
* **Durability:** High stability and reliability in harsh environmental conditions.
---
### 3. Physical Structure
1. **Core:** High-purity ceramic rod (Alumina).
2. **Element:** Resistive alloy wire (Nickel-Chromium or Copper-Nickel).
3. **End Caps:** Steel caps pressed onto the core to provide electrical contact.
4. **Coating:** Non-flammable organic resin or silicon coating.
5. **Leads:** Tin-plated copper or copper-clad steel wires.
---
### 4. Common Applications
* **Inrush Current Limiting:** Used at the input of power supplies to protect against initial surges.
* **Voltage Dividers:** In power circuits where high precision isn't as critical as power handling.
* **Snubber Circuits:** Used to suppress voltage transients in switching regulators.
* **Automotive Electronics:** Reliable performance in high-vibration and high-temperature areas.
- ⤷
What is the maximum operating temperature for KNP series resistors?
- ⤷ How does a wirewound resistor compare to a metal film resistor in surge protection?
- ⤷ What does the 'RGTB' suffix specifically denote regarding lead forming or packaging?