KNP-R3AV100RGP
AI

The **KNP-R3AV100RGP** is a specialized electronic component typically used in power management and circuit protection. Based on its nomenclature, it is a **Wirewound Resistor** designed for high-power applications.
---
### 1. Component Overview
The "KNP" series generally refers to **Wirewound Resistors (Flameproof Type)**. These are created by winding a metal wire (usually Nichrome) around a ceramic core and coating it with a flame-retardant material.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Fixed Resistor |
| **Technology** | Wirewound |
| **Resistance Value** | 100 $\Omega$ (indicated by "100R") |
| **Power Rating** | 3 Watts (indicated by "3") |
| **Tolerance** | $\pm$ 2% or $\pm$ 5% (G/J common in these series) |
| **Safety Feature** | Flameproof UL94V-0 Coating |
---
### 2. Key Characteristics
* **High Power Dissipation:** Unlike carbon film resistors, the wirewound construction allows it to handle significant heat and power surges.
* **Flameproof Coating:** The "AV" often denotes a specific coating or vertical forming style that ensures the component will not catch fire if it fails due to an overload.
* **Inductive Properties:** Because it is a wound coil, it has some inherent inductance, making it unsuitable for very high-frequency applications but excellent for power supplies and motor controllers.
---
### 3. Typical Applications
This specific part is frequently found in:
1. **Inrush Current Limiting:** Protecting circuits from initial power spikes.
2. **Snubber Circuits:** Used to suppress voltage transients in switching power supplies.
3. **Home Appliances:** Found in AC/DC conversion stages of washing machines, air conditioners, and LED drivers.
4. **Discharge Resistors:** Safely bleeding off energy from large capacitors.
---
### 4. Part Number Breakdown (Generalized)
| Code | Meaning |
| :--- | :--- |
| **KNP** | Series Name (Wirewound Resistor) |
| **3** | Power Rating (3 Watts) |
| **AV** | Lead Forming / Style (e.g., Axial Vertical or specific pitch) |
| **100R** | Resistance Value (100 Ohms) |
| **G** | Tolerance (typically $\pm$2%) |
| **P** | Packaging Code (e.g., Taping or Lead-free/RoHS) |
- ⤷
What are the main differences between KNP wirewound resistors and carbon film resistors?
- ⤷ How do I calculate if a 3W rating is sufficient for my specific circuit?
- ⤷ Are there non-inductive versions of this resistor available for high-speed switching?