KNP-R3AV100RFTB
AI

The part number **KNP-R3AV100RFTB** refers to a high-performance **Wirewound Resistor** typically manufactured by companies like Yageo or Vitrohm. These components are designed to handle power and provide precise resistance in demanding circuits.
---
## 1. Technical Specification Breakdown
The alphanumeric code contains specific information about the resistor's physical and electrical properties:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | KNP | Wirewound Resistor (Flame-proof coating) |
| **Power Rating** | R3A (or 0.3W / 3W) | Usually denotes a 3-Watt power capacity |
| **Resistance Value** | 100R | 100 Ohms ($\Omega$) |
| **Tolerance** | F | $\pm 1\%$ (Precision grade) |
| **Packaging** | TB | Taped in Ammo Box (Radial or Axial lead style) |
---
## 2. Key Internal Components
A wirewound resistor is constructed differently than standard carbon film resistors:
* **Core:** Usually a high-grade ceramic (Alumina) rod that acts as a heat sink and insulator.
* **Resistive Element:** A metal alloy wire (typically Nickel-Chromium or Manganin) wound around the ceramic core.
* **Coating:** A flame-proof silicone or lacquer coating that protects the wire from moisture and prevents fire in case of overload.
* **End Caps:** Metal caps pressed onto the ends of the core to connect the wire to the leads.
---
## 3. Performance Characteristics
Wirewound resistors like the KNP series are chosen for specific circuit behaviors:
### Advantages
* **High Precision:** The $\pm 1\%$ tolerance (indicated by the 'F') ensures consistent performance in sensing circuits.
* **Thermal Stability:** They have a low Temperature Coefficient of Resistance (TCR), meaning the resistance doesn't change significantly as it gets hot.
* **Surge Handling:** Because they are made of physical wire, they can handle brief electrical surges better than thin-film resistors.
### Disadvantages
* **Inductance:** Because the wire is wound like a coil, it has parasitic inductance. This makes it unsuitable for very high-frequency RF applications.
---
## 4. Typical Applications
The KNP-R3AV100RFTB is commonly found in:
1. **Power Supplies:** Used as a current sensing or bleeder resistor.
2. **Motor Controllers:** Managing start-up currents.
3. **Industrial Equipment:** Where reliability under heat is critical.
4. **Audio Amplifiers:** Used in the output stages due to low noise and high power handling.
- ⤷What is the difference between a wirewound resistor and a metal film resistor?
- ⤷ How does the 'Flame-proof' coating function during a circuit failure?
- ⤷ Are there non-inductive versions of KNP resistors available?