KNP-R3AV100RBP
AI

The **KNP-R3AV100RBP** is a high-precision, wirewound resistor designed for power applications. This specific part belongs to a family of resistors known for their durability and ability to handle surge currents.
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resistor Type** | Wirewound (KNP) |
| **Resistance Value** | 100 Ohms ($\Omega$) |
| **Power Rating** | 0.3 Watts (or specific to R3A chassis size) |
| **Tolerance** | ±0.1% to ±5% (Refer to specific datasheet suffix) |
| **Temperature Coefficient** | ±300 ppm/°C (Typical) |
| **Coating** | Flameproof Silicone Coating |
---
### Key Features and Construction
1. **Core Material**: The internal element consists of a resistive wire (usually a nickel-chromium alloy) wound around a high-purity ceramic rod. This provides excellent thermal stability.
2. **Flameproof Coating**: The "KNP" series typically features a non-flammable silicone or resin coating. In the event of an overload, the resistor will not catch fire, making it a critical safety component.
3. **Surge Handling**: Because it uses a physical wire rather than a thin film, it can withstand much higher instantaneous pulse voltages and surges compared to metal film resistors.
4. **Low Noise**: Wirewound resistors naturally produce very low thermal noise, making them suitable for high-end audio or precision measurement circuits.
### Common Applications
* **Power Supplies**: Used as a current sensing resistor or a bleeder resistor.
* **Motor Controllers**: Handling the initial inrush current.
* **Audio Equipment**: Used in crossover networks or power amplifier stages where signal integrity and power handling are required.
* **Industrial Automation**: Providing stable resistance in harsh environments with fluctuating temperatures.
---
### Comparison: Wirewound vs. Metal Film
| Feature | KNP (Wirewound) | Metal Film |
| :--- | :--- | :--- |
| **Pulse Handling** | Excellent | Poor |
| **Inductance** | Higher (due to coils) | Very Low |
| **Stability** | High | Moderate |
| **Safety** | Flameproof options common | Varies |
- ⤷
What are the common failure modes for wirewound resistors like the KNP series?
- ⤷ How does the inductance of a wirewound resistor affect high-frequency circuits?
- ⤷ Are there non-inductive versions of the KNP resistor available?