KNP-R3AV0R1CP
AI

The part number **KNP-R3AV0R1CP** refers to a high-precision, high-power **Wirewound Resistor**. This specific component is designed for applications requiring stability under high current loads and high temperatures.
### 1. Part Breakdown and Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | KNP | Wirewound Resistor (Standard Type) |
| **Power Rating** | 3 Watts (3W) | The maximum power the resistor can dissipate. |
| **Resistance Value** | 0.1 $\Omega$ (R1) | Very low resistance, often used for current sensing. |
| **Tolerance** | ±5% (J) or ±1% (F) | Precision level (Note: 'C' in suffix often relates to packaging). |
| **Construction** | Wirewound | Resistive wire wrapped around an insulating core. |
| **Coating** | Flameproof | Silicone or similar coating to prevent fire during overload. |
---
### 2. Key Characteristics
The **KNP series** is characterized by several physical and electrical properties that distinguish it from standard film resistors:
* **Surge Capability:** Wirewound resistors can handle significant momentary surges much better than metal film or carbon composition resistors.
* **Low Temperature Coefficient:** They maintain a stable resistance value even as the component heats up.
* **Inductance:** Because they are made of coiled wire, they have inherent inductance. They are generally not suitable for high-frequency RF applications unless specified as "non-inductive."
* **Flameproof Protection:** The "AV" or "CP" designations often refer to the protective coating which ensures that if the resistor fails due to extreme overcurrent, it will not emit flames.
---
### 3. Common Applications
Given the low resistance (0.1 Ohm) and high power (3W) of this specific part, it is typically used in the following scenarios:
1. **Current Sensing:** Placed in series with a load to measure current by monitoring the voltage drop across it ($V = I \times R$).
2. **Inrush Current Limiting:** Protecting sensitive circuits from the initial spike of electricity when a device is turned on.
3. **Power Supplies:** Used in the output stages of DC-DC converters or AC-DC adapters.
4. **Motor Controllers:** Managing high-current paths for small to medium motors.
---
### 4. Technical Comparison
| Feature | Wirewound (KNP) | Metal Film |
| :--- | :--- | :--- |
| **Heat Dissipation** | Excellent | Moderate |
| **Surge Resistance** | High | Low |
| **Size** | Larger | Smaller |
| **Noise** | Very Low | Low |
- ⤷
What is the difference between KNP and NKNP (non-inductive) resistors?
- ⤷ How do I calculate the voltage drop across this 0.1 ohm resistor at 2 Amps?
- ⤷ Are there SMD equivalents for high-wattage wirewound resistors?