KMS-E-R/CE
AI

The **KMS-E-R/CE** is a high-precision electromagnetic distance sensor (often categorized as an inductive displacement transducer or linear encoder) typically used in industrial automation for measuring positions or distances without physical contact.
Below is an explanation of its electronic components and technical specifications.
---
### 1. Core Operating Principles
The device operates on the principle of **electromagnetic induction**. It consists of a primary coil and secondary coils within the sensor head.
* **Oscillator:** Generates an alternating current to create a magnetic field.
* **Signal Processing:** As a target (actuator) moves within the magnetic field, it induces a voltage change. The internal electronics convert this physical displacement into a standardized electrical signal.
### 2. Electronic Specifications
The following table outlines the typical electronic characteristics of the KMS series:
| Parameter | Specification |
| :--- | :--- |
| **Supply Voltage** | Typically 24V DC (Range: 18–30V DC) |
| **Output Signal** | Analog (0–10V or 4–20mA) or Digital (SSI/IO-Link) |
| **Current Consumption** | < 50 mA (without load) |
| **Linearity Error** | ±0.1% to ±0.3% of full scale |
| **Resolution** | Highly dependent on the AD converter (often 12-bit or 16-bit) |
| **Protection Circuitry** | Reverse polarity, short-circuit, and overvoltage protection |
---
### 3. Key Electronic Components
The "E-R" designation usually refers to specific electronic configurations:
* **Integrated Preamplifier:** Unlike passive LVDTs, the "E" (Electronic) version has integrated signal conditioning. This means the raw sensor data is amplified and linearized inside the housing before being sent to the PLC.
* **Connector Interface:** Usually features an **M12 circular connector** (4-pin or 5-pin). This ensures high EMC (Electromagnetic Compatibility) and protection against industrial noise.
* **CE Marking Compliance:** The "CE" suffix confirms the electronics meet European standards for:
* **EN 61000-6-2:** Immunity for industrial environments.
* **EN 61000-6-4:** Emission standards for industrial environments.
### 4. Wiring Diagram (Generic)
For a standard analog version, the electrical connection typically follows this logic:
```markdown
Pin 1: +24V DC (Brown)
Pin 2: Analog Output Signal (White)
Pin 3: 0V / GND (Blue)
Pin 4: Shield/Earth (Black or Case)
```
---
### 5. Application Benefits
* **Non-Contact:** Because it is electronic/magnetic, there is no mechanical wear on the sensing elements.
* **High Dynamics:** The internal electronic refresh rate allows for the measurement of fast-moving components in CNC machines or hydraulic presses.
- ⤷
What is the maximum measuring range available for the KMS-E-R series?
- ⤷ How do I calibrate the 4-20mA output for a specific distance?
- ⤷ Does this sensor require a specific magnetic target
- ⤷ or can it sense any metal?