KMMLS-ABB-R
AI

The **KMMLS-ABB-R** refers to a specific type of **Magnetic Proximity Sensor** (or Magnetic Limit Switch) commonly used in elevator systems, automated machinery, and material handling. These parts are designed to detect position or movement without physical contact.
### 1. Key Technical Specifications
Below are the typical electronic and physical parameters associated with this component type:
| Parameter | Specification |
| :--- | :--- |
| **Contact Type** | Bistable (stays in state after trigger) |
| **Input Voltage** | Typically up to 250V AC/DC |
| **Switching Current** | ~1.0A to 3.0A (depending on manufacturer) |
| **Sensing Distance** | 5mm to 15mm |
| **Housing Material** | Heat-resistant Plastic (Flame retardant) |
| **Protection Rating** | IP65 or IP67 (Dust/Waterproof) |
---
### 2. Core Components and Working Principle
The "Electronic" side of the KMMLS-ABB-R is relatively simple but highly reliable for safety applications:
* **Reed Switch Element:** The heart of the device is a glass-encapsulated reed switch. It consists of two ferromagnetic blades that move when a magnetic field (from a permanent magnet) is present.
* **Permanent Magnet Trigger:** This part is mounted on the moving object (like an elevator car). When it passes the KMMLS unit, the internal contact flips.
* **Bistable Circuitry:** Unlike a standard "momentary" switch, the "R" series is often bistable. This means if it encounters a South Pole magnet, it turns **ON**; it stays ON even after the magnet leaves, until it encounters a North Pole magnet to turn it **OFF**.
* **Protection Circuit:** High-quality units include an internal varistor or RC snubber circuit to protect the contacts from arcing when switching inductive loads (like relays).
---
### 3. Application in Elevator Systems
In the context of elevator electronics, the KMMLS-ABB-R serves three primary functions:
1. **Leveling Detection:** Ensuring the elevator floor is flush with the hallway floor.
2. **Slowdown Sensing:** Telling the motor controller to reduce speed as the car approaches the top or bottom terminal.
3. **Door Interlock Logic:** Confirming the position of the car relative to the landing door for safety clearance.
---
### 4. Wiring Diagram (Conceptual)
` ` `text
[ Power Source ] -------- [ KMMLS-ABB-R Switch ] -------- [ PLC / Controller Input ]
|
(Magnetic Field Trigger)
` ` `
- ⤷
What is the difference between bistable and monostable magnetic switches?
- ⤷ How do you troubleshoot a faulty KMMLS-ABB-R sensor?
- ⤷ Can this sensor be used with high-voltage AC motors directly?