KMMLS-33B-R
AI

The **KMMLS-33B-R** is a high-performance, ultra-small **Tactile Switch** (Surface Mount Device) commonly used in consumer electronics. It is part of the KMMLS series, known for its side-actuated design and low profile.
---
### ## Technical Specifications
Below are the primary electronic and mechanical characteristics of the KMMLS-33B-R:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Tactile / Momentary |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Actuator Direction** | Side Actuated (Right Angle) |
| **Operating Force** | 160 gf (grams-force) |
| **Contact Rating** | 50mA @ 12VDC |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Operating Life** | 100,000 Cycles |
| **Travel (Stroke)** | 0.20 mm |
---
### ### Key Electronic Components & Materials
1. **Contact Dome:** Usually made of stainless steel with silver plating to ensure high conductivity and a crisp "click" feedback.
2. **Terminals:** Brass or copper alloy with silver or gold plating to prevent oxidation and improve solderability.
3. **Base/Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) designed to withstand lead-free reflow soldering temperatures.
4. **Actuator:** A small plastic plunger that transfers physical pressure to the internal metal dome.
---
### ### Common Applications
Due to its side-actuated nature and small footprint, this part is ideal for devices where vertical space is limited:
* **Mobile Devices:** Volume rockers or power buttons on smartphones and tablets.
* **Wearables:** Smartwatches and fitness trackers.
* **Portable Medical:** Handheld diagnostic tools.
* **IoT Modules:** Reset buttons on compact circuit boards.
---
### ### Footprint and Soldering
The device follows a standard SMT land pattern. To ensure longevity, the following should be considered during assembly:
```c
// Typical Reflow Soldering Parameters
Preheat_Temp: 150C to 200C
Peak_Temp: 260C (Max)
Time_at_Peak: 5 to 10 seconds
```
- ⤷What is the difference between the KMMLS-33B-R and the KMMLS-33G-R?
- ⤷ Can this switch be used in automotive environments?
- ⤷ What are the recommended landing patterns for this SMT component?