KMMLS-322-R
AI

The **KMMLS-322-R** is a specific model of a **Miniature Slide Switch**, typically manufactured by companies like **C&K** (now part of Littelfuse) or similar electronic component manufacturers. These switches are designed for compact electronic devices where space is at a premium.
---
### 1. Technical Specifications
Below is a breakdown of the typical electronic and mechanical characteristics of the KMMLS series:
| Parameter | Specification |
| :--- | :--- |
| **Switch Function** | SPDT (Single Pole Double Throw) |
| **Current Rating** | 300 mA @ 6V DC |
| **Contact Resistance** | 70 mΩ Max (Initial) |
| **Insulation Resistance** | 100 MΩ Min @ 100V DC |
| **Dielectric Strength** | 100V AC for 1 minute |
| **Operating Life** | 10,000 Cycles |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
---
### 2. Key Features
The "R" in the suffix often denotes specific orientation or packaging (like Right Angle or Reel packaging).
* **Miniaturization:** Its extremely low profile makes it ideal for hand-held medical instruments, IoT sensors, and wearable tech.
* **Actuation:** Side-actuated (Right Angle), allowing the switch to be toggled from the edge of a Printed Circuit Board (PCB).
* **Material Construction:**
* **Housing:** High-temperature thermoplastic (LCP) to withstand reflow soldering.
* **Contacts:** Usually copper alloy with silver or gold plating for reliable electrical conductivity.
* **Terminals:** Lead-free tin plating.
---
### 3. Pinout and Circuitry
The KMMLS-322-R is a **Single Pole Double Throw (SPDT)** switch. This means it has one common input and two possible output paths.
```circuit
(1) Output A
|
(C) ---o (Common)
|
(2) Output B
```
* **Position 1:** Connects Pin C to Pin 1.
* **Position 2:** Connects Pin C to Pin 2.
---
### 4. Common Applications
Due to its small footprint and SMT design, it is frequently found in:
1. **Consumer Electronics:** On/Off switches for Bluetooth earbuds or remote controls.
2. **Medical Devices:** Mode selection in portable glucose monitors.
3. **Computing:** Reset switches or configuration "DIP-style" slide switches on compact motherboards.
- ⤷
What are the soldering requirements for the KMMLS-322-R during SMT assembly?
- ⤷ Can this switch handle AC voltage applications?
- ⤷ Is there a version of this switch with a longer actuator height?