KMMLS-221-R
AI

The **KMMLS-221-R** is a specific model of a **Miniature Slide Switch**. These components are widely used in consumer electronics, instrumentation, and telecommunications for basic power switching or signal routing.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
The KMMLS-221-R is characterized by its compact footprint and surface-mount (SMD) compatibility.
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Slide Switch |
| **Circuit Configuration** | DPDT (Double Pole Double Throw) |
| **Switch Function** | On-On |
| **Mounting Type** | Surface Mount (SMD/SMT), Right Angle |
| **Actuator Type** | Side Actuated (Horizontal) |
### 2. Electrical Characteristics
These parameters define the limits under which the switch can operate safely and reliably.
* **Current Rating:** Typically rated at **300mA** at **6V DC**.
* **Contact Resistance:** Generally low (max **70mΩ**), ensuring minimal signal loss.
* **Insulation Resistance:** Minimum of **100MΩ** at 500V DC.
* **Dielectric Strength:** Capable of withstanding **500V AC** for 1 minute without breakdown.
### 3. Physical & Material Composition
The "R" suffix often denotes **RoHS compliance** or specific **Tape & Reel** packaging for automated assembly.
| Component | Material |
| :--- | :--- |
| **Housing** | High-temperature Thermoplastic (LCP or Nylon) |
| **Actuator** | Thermoplastic |
| **Contacts** | Copper Alloy with Silver or Gold plating |
| **Terminals** | Silver-plated brass for high conductivity |
### 4. Common Applications
Due to its small size and right-angle orientation, it is frequently found in:
* **Wearables:** Power on/off switches for smartwatches or fitness trackers.
* **IoT Devices:** Mode selection (e.g., switching between Wi-Fi and Bluetooth modes).
* **Audio Equipment:** Selecting input sources or gain levels.
* **Testing Equipment:** Small handheld multimeters or signal generators.
---
### 5. Typical Footprint Example
In a PCB design environment (like Altium or KiCad), the footprint would look similar to this logic:
```cpp
// Pseudo-code representation of the Pin Mapping
Pin 1: Pole A (Common)
Pin 2: Throw A1
Pin 3: Throw A2
Pin 4: Pole B (Common)
Pin 5: Throw B1
Pin 6: Throw B2
// Plus Grounding/Mechanical Support Tabs
```
- ⤷
What is the difference between DPDT and SPDT slide switches?
- ⤷ How does the 'Right Angle' mounting affect PCB layout space?
- ⤷ What are the soldering temperature requirements for the KMMLS-221-R?