KLZ2012MHR2R2HTD25
AI

The **KLZ2012MHR2R2HTD25** is a high-performance multilayer chip inductor designed and manufactured by **TDK Corporation**. It is specifically engineered for decoupling circuits in automotive applications, particularly in High-Speed Differential Signal lines.
---
## 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical characteristics:
| Code Segment | Meaning | Details |
| :--- | :--- | :--- |
| **KLZ** | Series Name | Multilayer Chip Inductor for Decoupling |
| **2012** | Dimensions (Metric) | 2.0 x 1.25 mm (EIA 0805) |
| **MHR** | Characteristic | Automotive High Reliability / High Current |
| **2R2** | Inductance Value | 2.2 µH |
| **H** | Tolerance | ±20% |
| **T** | Packaging | Tape and Reel |
| **D25** | Internal Code | Specific design version/Automotive Grade |
---
## 2. Technical Specifications
Below are the key electrical and physical parameters for this specific inductor:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 2.2 µH |
| **Inductance Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.23 Ω (Typical) / 0.30 Ω (Max) |
| **Rated Current** | 400 mA (Based on temperature rise) |
| **Self-Resonant Frequency** | 60 MHz (Minimum) |
| **Operating Temperature** | -55°C to +150°C |
| **Case Size (EIA/Metric)** | 0805 / 2012 |
---
## 3. Key Features & Applications
### Features
* **High Reliability:** Qualified under **AEC-Q200** standards, making it suitable for the harsh environments of the automotive industry.
* **Broadband Impedance:** Offers excellent noise suppression characteristics across a wide frequency range.
* **High Temperature Resistance:** Unlike standard commercial inductors, this part can operate at up to **150°C**, accounting for both ambient heat and self-heating.
* **Multilayer Construction:** Provides a compact, rugged design without the fragility of wire-wound inductors.
### Common Applications
1. **Automotive ADAS:** Used in camera modules and radar systems for noise decoupling.
2. **Infotainment:** Filtering power lines for Head Units and Displays.
3. **Electronic Control Units (ECUs):** General-purpose decoupling in various automotive computers.
4. **Industrial Equipment:** High-vibration or high-temperature environments requiring stable inductance.
---
## 4. Usage Considerations
When designing with the KLZ2012MHR2R2HTD25, keep the following in mind:
* **Derating:** Ensure the operating current does not exceed the rated current at maximum ambient temperatures.
* **Footprint:** The 0805 (2012) footprint is standard, but ensure solder paste volume is sufficient for automotive vibration standards.
* **Magnetic Shielding:** As a multilayer inductor, it has a closed magnetic path, which minimizes electromagnetic interference (EMI) with surrounding components.
- ⤷
What are the main differences between the KLZ series and the TDK VLS series inductors?
- ⤷ How does the DC bias characteristic affect the 2.2µH inductance value in this part?
- ⤷ Can this inductor be used for power supply switching or is it strictly for decoupling?