AI

The **KLS-B-2-R/Q** is a specific variant of a **Miniature Circuit Breaker (MCB)** or a supplementary protector, typically manufactured by companies like **Kuoyuh** or distributed by electronics vendors like **KLS Electronic**. It is primarily used for overcurrent protection in small appliances and industrial equipment.
### 1. Component Overview
This device is a thermal circuit breaker designed to protect electrical circuits from damage caused by excess current from an overload or short circuit.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Thermal Circuit Breaker / Overload Protector |
| **Reset Type** | Manual Reset (Push-to-reset) |
| **Number of Poles** | Single Pole (1P) |
| **Mounting Style** | Panel Mount (Threaded neck with nut) |
| **Termination** | Quick-connect terminals (Solder/Plug-in) |
---
### 2. Key Electronic Parts & Construction
The functionality of the KLS-B-2-R/Q relies on several internal mechanical and electrical parts:
* **Bimetallic Strip:** The core sensing element. It consists of two different metals bonded together. When current exceeds the rating, the strip heats up, bends, and triggers the trip mechanism.
* **Trip Mechanism:** A spring-loaded latch that snaps the contacts open when the bimetallic strip reaches a specific deflection point.
* **Contact Points:** High-conductivity metal points (often silver-plated) that maintain the electrical path.
* **Manual Reset Button:** The "R" in the part number often signifies a manual reset functionality. Once tripped, the button pops out, and the user must physically push it back to restore the circuit.
* **Housing:** Typically made of flame-retardant plastic (UL 94V-0 rated) to prevent electrical fires.
---
### 3. Decoding the Part Number (General Breakdown)
While specific manufacturer prefixes may vary, the breakdown generally follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **KLS** | Manufacturer/Brand Identifier. |
| **B** | Series designation (Standard thermal protector). |
| **2** | Voltage or Physical frame size (Often relates to 125/250VAC capacity). |
| **R** | **Reset Type:** Manual Push-to-reset. |
| **Q** | **Terminal Type:** Quick-connect (usually 6.3mm or 4.8mm spade terminals). |
---
### 4. Technical Specifications
Common electrical parameters for this class of component include:
* **Rated Voltage:** 125VAC / 250VAC or 32VDC/50VDC.
* **Current Rating:** Available in increments (e.g., 3A, 5A, 10A, 20A).
* **Interrupt Capacity:** Typically 1,000 Amps.
* **Insulation Resistance:** > 100MΩ at 500VDC.
* **Dielectric Strength:** 1,500VAC for 1 minute.
---
### 5. Common Applications
* **Power Strips:** Protecting multiple outlets from total load overload.
* **Household Appliances:** Used in coffee makers, blenders, and vacuum cleaners.
* **Industrial Tools:** Protecting motors in drills or saws from stalling.
* **Marine/Automotive:** Small DC circuit protection for accessories.
- ⤷
What is the specific current rating for the KLS-B-2-R/Q unit you are looking at?
- ⤷ How does a thermal circuit breaker differ from a magnetic circuit breaker?
- ⤷ What are the dimensions for the panel cutout required for this component?