công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KIA7809AF/API

  • AI
    The **KIA7809AF** and **KIA7809API** are three-terminal positive voltage regulators manufactured by KEC (Korea Electronics). These components are designed to provide a stable, fixed output of **9V** from a fluctuating higher DC input voltage. --- ## 1. Technical Specifications The primary difference between the `AF` and `API` suffixes lies in the **package type** and **thermal characteristics**, while the internal electrical logic remains the same. | Parameter | Specification (Typical) | | :--- | :--- | | **Output Voltage ($V_{OUT}$)** | 9.0V | | **Max Input Voltage ($V_{IN}$)** | 35V DC | | **Output Current ($I_{OUT}$)** | Up to 1.0A (with proper heatsinking) | | **Dropout Voltage ($V_D$)** | ~2.0V (Input must be $\ge$ 11V for stability) | | **Operating Temperature** | -40°C to +125°C | | **Protection Features** | Internal Thermal Overload & Short Circuit Limiting | --- ## 2. Package Differences (AF vs. API) ### KIA7809AF * **Package:** TO-220F (Full Pack). * **Insulation:** The tab is molded in plastic (electrically isolated). * **Usage:** Ideal when you need to mount multiple regulators to a single heatsink without using mica insulators. ### KIA7809API * **Package:** TO-220IS (or similar variant depending on the datasheet revision). * **Insulation:** Usually refers to an isolated "Insulated" package or a variation of the standard TO-220. * **Note:** In many KEC datasheets, "API" denotes the **TO-220IS** package, which is also fully plastic-molded to prevent electrical conduction between the heatsink and the internal ground/circuitry. --- ## 3. Pin Configuration Both versions share the standard three-pin layout: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **INPUT** | Unregulated DC input (11V to 35V) | | 2 | **GND** | Ground (Common) | | 3 | **OUTPUT** | Regulated 9V DC | --- ## 4. Typical Application Circuit To ensure stability and reduce high-frequency noise, capacitors are required: ```text Input (12V-24V) Output (9V) | | +-------[ KIA7809 ]------+ | | | [C1] [GND] [C2] | | | --- --- --- ``` * **C1 (Input Capacitor):** 0.33µF Ceramic (required if the regulator is far from the power supply filter). * **C2 (Output Capacitor):** 0.1µF Ceramic (improves transient response and stability). --- ## 5. Key Features * **Thermal Overload Protection:** The chip shuts down if it gets too hot, preventing permanent damage. * **Short Circuit Protection:** Limits the maximum current if the output is accidentally grounded. * **Safe Operating Area (SOA) Protection:** Adjusts the output current based on the voltage across the regulation transistor.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the KIA7809AF without a heatsink?
    • ⤷ Can I use the KIA7809 to charge a 9V battery directly?
    • ⤷ What are the equivalent alternative parts from other manufacturers like ST or TI?