KGS1B-R/Q
AI

The **KGS1B-R/Q** is a specific electronic component typically identified as a **Miniature Toggle Switch** or a specialized **Push-button Switch** (depending on the exact series manufacturer, often associated with industrial controls or automotive grade electronics).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. General Specifications
The KGS series is designed for low-power signal switching or power-on/off applications in compact environments.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Circuit Type** | SPDT (Single Pole Double Throw) |
| **Switch Function** | ON-ON or ON-(OFF) |
| **Current Rating** | 1A to 3A @ 125VAC / 28VDC |
| **Contact Resistance** | < 20 mΩ |
| **Insulation Resistance** | > 1000 MΩ |
| **Dielectric Strength** | 1,000 Vrms at sea level |
| **Operating Temp** | -30°C to +85°C |
### 2. Suffix Breakdown (R/Q)
The letters at the end of the part number usually denote specific material or terminal configurations:
* **R (Terminal Material):** Usually indicates **Gold plating** over nickel. This is ideal for "dry circuits" (low power) because gold prevents oxidation, ensuring a reliable connection at very low voltages.
* **Q (Terminal Material):** Usually indicates **Silver plating**. Silver is preferred for higher current applications as it has excellent conductivity, though it may tarnish over time if not used.
* **Combination (R/Q):** Often signifies a component that meets both standards or uses silver contacts with gold flash/plating to handle a wider range of current (from logic level to power level).
### 3. Physical Construction
The "1B" designation often refers to the mechanical mounting style:
1. **Body Material:** High-temperature Diallyl Phthalate (DAP) or similar UL94V-0 plastic.
2. **Actuator:** Chrome-plated brass or molded plastic.
3. **Terminals:** PC thru-hole (solder pins) or solder lugs, depending on the specific sub-variant.
4. **Bushing:** Threaded for panel mounting or unthreaded for PCB support.
### 4. Common Applications
Due to its reliability and small footprint, the KGS1B-R/Q is found in:
* **Telecommunications:** Network switching equipment.
* **Instrumentation:** On/off toggles for handheld meters.
* **Medical Equipment:** Control panels for diagnostic tools.
* **Audio/Visual:** Signal routing in mixers or guitar pedals.
---
- ⤷
What is the exact mechanical life cycle (number of operations) for this switch?
- ⤷ Can this switch be used for high-frequency RF signal switching?
- ⤷ What is the difference between SPDT and DPDT in this specific series?