AI

The **KFS-K1-R/Q** is a specific series of tactile micro-switches, typically manufactured by companies like **Kailh (Kaihua Electronics)** or similar electronic component vendors. These are widely used in consumer electronics, automotive controls, and industrial interfaces.
---
### 1. General Specifications
These components are surface-mount (SMD) or through-hole tactile switches designed for high reliability and a specific "click" feel.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Tactile Push Button Switch |
| **Circuit Type** | SPST (Single Pole Single Throw) |
| **Switch Function** | Momentary (Normally Open) |
| **Mounting Type** | R = Right Angle / Q = Vertical (Standard) |
| **Operating Force** | Usually 160gf to 250gf (grams-force) |
| **Contact Material** | Silver plated or Gold plated options |
---
### 2. Key Electronic Parts & Construction
The KFS-K1 series consists of four primary internal components that dictate its performance:
1. **The Actuator (Stem):** The physical part you press. In the "R" version, this is often side-actuated.
2. **The Metal Dome:** The "heart" of the switch. It acts as both the spring and the movable contact. When pressed, it collapses to complete the circuit and provides the tactile "click."
3. **Contacts:** Two stationary terminals inside the housing. When the dome collapses, it bridges the gap between these terminals.
4. **Housing/Base:** Usually made of High-Temperature Thermoplastic (LCP) to withstand reflow soldering temperatures.
---
### 3. Part Number Suffix Breakdown
The "R" and "Q" designations usually refer to the physical orientation and terminal style:
* **R (Right Angle):** The button is pressed parallel to the PCB. These are common on the edges of devices (e.g., volume buttons on a tablet).
* **Q (Vertical/Standard):** The button is pressed perpendicular to the PCB. These are common on top-facing panels.
---
### 4. Technical Characteristics
```json
{
"electrical_rating": "50mA 12V DC",
"insulation_resistance": "100MΩ min. 100V DC",
"dielectric_strength": "250V AC for 1 min",
"contact_resistance": "100mΩ max",
"travel": "0.25mm ± 0.1mm",
"operating_life": "100,000 to 1,000,000 cycles"
}
```
---
### 5. Common Applications
* **Consumer Electronics:** Remote controls, cameras, and handheld gaming devices.
* **Automotive:** Dashboard buttons, steering wheel controls.
* **Peripherals:** Computer mice (side buttons) and keyboard function keys.
- ⤷
What is the exact footprint size for the KFS-K1-R for PCB layout?
- ⤷ How does the silver plating compare to gold plating for this switch series?
- ⤷ What is the recommended reflow soldering profile for these SMD switches?