KFS-F1-R/Q
AI

The **KFS-F1-R/Q** typically refers to a specialized electronic foot switch assembly often used in industrial control systems or medical imaging equipment (such as X-ray or C-arm systems).
Below is a breakdown of the electronic components and technical specifications associated with this type of device.
---
### 1. Key Electronic Components
The device is primarily an electromechanical interface. Its internal parts include:
| Component | Description | Function |
| :--- | :--- | :--- |
| **Microswitches** | High-reliability internal switches (often Omron or Honeywell type). | Converts mechanical pressure into an electrical signal (On/Off). |
| **Potentiometer** | Variable resistor (found in 'Q' or analog models). | Provides a variable voltage output for speed or intensity control. |
| **Terminals/Wiring** | Multi-core shielded cable. | Transmits signals to the main controller while reducing EMI. |
| **Spring Mechanism** | Heavy-duty return springs. | Ensures the circuit breaks immediately when the foot is lifted. |
---
### 2. Technical Specifications
The "R/Q" designation often differentiates between standard switching and variable control.
* **Switching Capacity:** Usually rated for **10A / 250VAC** for power circuits or low-voltage DC for logic circuits.
* **Contact Configuration:** Commonly **SPDT** (Single Pole Double Throw) or **DPDT** (Double Pole Double Throw).
* **Ingress Protection (IP Rating):** Typically **IP65 or IP68**, making it waterproof and dustproof for medical or harsh industrial environments.
* **Output Signal:**
* **R-Type:** Digital (Discrete On/Off).
* **Q-Type:** Analog (0-10V or 4-20mA via potentiometer).
---
### 3. Circuit Logic Example
In a standard 3-wire configuration (Common, NO, NC), the electronic logic operates as follows:
```cpp
// Logic Representation for a Digital Foot Switch (R-Type)
if (foot_pedal_pressed == HIGH) {
activate_system(); // Circuit Closes (NO -> Common)
} else {
standby_mode(); // Circuit Opens
}
```
---
### 4. Typical Applications
1. **Medical Equipment:** Controlling X-ray exposure or ultrasound capture.
2. **Industrial Sewing:** Controlling motor speed.
3. **Welding Machines:** Managing the arc start and current intensity.
4. **Heavy Machinery:** Emergency stops or "dead-man" switches.
- ⤷
What is the pinout diagram for the KFS-F1-R connector?
- ⤷ How do I calibrate the potentiometer in the Q-model?
- ⤷ Is the KFS-F1 compatible with 24V DC PLC inputs?