KFS-A13-R/Q
AI

The **KFS-A13-R/Q** is a specific model of a **Miniature Tactile Switch** (push-button) commonly used in consumer electronics, automotive interfaces, and PCB-mounted control panels.
Below is a detailed breakdown of its electronic components, specifications, and physical properties.
---
### 1. Component Overview
The KFS-A13-R/Q is a mechanical switch designed to complete an electrical circuit when the plunger is pressed. It is categorized as a **Single Pole Single Throw (SPST)**, Normally Open (NO) switch.
| Feature | Specification / Detail |
| :--- | :--- |
| **Switch Type** | Tactile / Momentary Push Button |
| **Circuit Configuration** | SPST-NO (Single Pole Single Throw, Normally Open) |
| **Mounting Type** | Through-hole (DIP) or Surface Mount (depending on suffix) |
| **Feedback** | Auditory "click" and haptic tactile bump |
---
### 2. Electrical Specifications
These parameters define the safe operating limits for the electronic part:
* **Current Rating:** Typically **50mA**.
* **Voltage Rating:** **12V DC**.
* **Contact Resistance:** $\le 100 \text{ m}\Omega$ (initial).
* **Insulation Resistance:** $\ge 100 \text{ M}\Omega$ at 100V DC.
* **Dielectric Strength:** 250V AC for 1 minute.
---
### 3. Physical Parts and Construction
The switch is comprised of four main internal components:
1. **The Cover (Top Plate):** Usually made of metal (stainless steel or tin-plated brass) to protect the internal dome.
2. **The Plunger (Actuator):** The plastic button that the user presses. In the A13 series, this is usually a square or round stem.
3. **The Contact Dome:** A snap-action metal disc. This is the "heart" of the switch; it provides the tactile feel and bridges the contacts when compressed.
4. **The Base (Housing):** A heat-resistant molded plastic (LCP or PBT) that holds the terminals.
5. **Terminals:** Silver-plated brass pins that are soldered to the PCB.
---
### 4. Part Number Decoding (KFS-A13-R/Q)
While manufacturers vary slightly, the suffix typically indicates packaging or force:
* **KFS-A13:** The series/form factor (standard height and footprint).
* **R/Q:** Usually refers to the **Operating Force** (measured in Gram-force or Newtons) or the **Packaging Type** (Tape & Reel vs. Bulk).
* *Example:* 160gf (standard) vs. 250gf (high force).
---
### 5. Application Circuit Example
A common use for this part is as a digital input for a microcontroller (like an Arduino or ESP32).
```cpp
// Typical Arduino Wiring for a Tactile Switch
const int buttonPin = 2;
int buttonState = 0;
void setup() {
// Uses the internal 10k resistor to prevent floating signals
pinMode(buttonPin, INPUT_PULLUP);
}
void loop() {
buttonState = digitalRead(buttonPin);
if (buttonState == LOW) {
// Switch is pressed (circuit closed to Ground)
}
}
```
---
- ⤷
What are the standard physical dimensions for the KFS-A13 series?
- ⤷ How does the 'tactile' mechanism differ from a 'linear' switch?
- ⤷ What is the typical lifespan (cycle count) for this switch model?