KFS-3D-R/Q
AI

Based on technical specifications for the **KFS-3D-R/Q** series, these devices are high-precision **three-axis fluxgate magnetic sensors** (magnetometers). They are primarily used for measuring weak static and alternating magnetic fields with high stability.
---
## 1. Core Electronic Components & Architecture
The KFS-3D-R/Q system is composed of several critical electronic stages to convert physical magnetic flux into a usable electrical signal.
### A. Fluxgate Sensor Head
The "R" and "Q" variants refer to different form factors (Rectangular vs. Square/Cylindrical). Inside these heads are:
* **Magnetic Cores:** High-permeability soft magnetic material.
* **Excitation Coils:** Driven by an AC current to periodically saturate the core.
* **Pick-up (Secondary) Coils:** Detect the second harmonic of the excitation frequency, which is proportional to the external magnetic field.
### B. Signal Processing Electronics
The sensor usually interfaces with a drive/detection circuit characterized by:
* **Excitation Oscillator:** Generates a stable frequency (typically around 10kHz - 20kHz) to drive the cores.
* **Phase-Sensitive Detector (PSD):** Acts as a synchronous demodulator to extract the magnetic field information from the pick-up coils.
* **Integrator/Feedback Loop:** Uses a feedback coil to create a counter-field, ensuring the sensor operates in a "null-field" mode for maximum linearity.
---
## 2. Technical Specifications Table
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Measurement Axes** | X, Y, Z (Three-axis) |
| **Measuring Range** | ±100 µT to ±1000 µT (Model dependent) |
| **Resolution** | < 0.1 nT |
| **Bandwidth** | DC to 1 kHz (or higher depending on electronics) |
| **Output Type** | Analog Voltage (Differential or Single-ended) |
| **Supply Voltage** | ±12V to ±15V DC |
---
## 3. Key Electronic Characteristics
### Orthogonality and Alignment
The electronics are calibrated to ensure the three axes are perfectly perpendicular. The **KFS-3D** series is known for low cross-talk between the X, Y, and Z channels, typically achieved through precise physical winding and electronic compensation.
### Low Noise Floor
The electronic design focuses on minimizing 1/f noise. This makes the KFS-3D series suitable for:
* Geomagnetic surveys.
* Magnetic signature measurements.
* Compass calibration for aerospace.
### Environmental Shielding
The "R/Q" models are often ruggedized. The electronic housing provides EMI (Electromagnetic Interference) shielding to prevent external radio frequencies from corrupting the low-level analog signals generated by the fluxgate coils.
---
- ⤷
What are the primary differences between the KFS-3D-R and the KFS-3D-Q models?
- ⤷ How do I interface the analog output of the KFS-3D with a digital microcontroller?
- ⤷ What is the power consumption profile for these sensors in field applications?