KFS-3A-R/Q
AI

The **KFS-3A-R/Q** typically refers to a specialized high-performance **Optical Fiber Cleaver** (or a specific model series of cleavers) used in fiber optic splicing operations. In these devices, the "electronic parts" are generally minimal compared to fusion splicers, but specific high-end versions include sensors and automated components.
Below is an explanation of the components and technical specifications associated with this type of equipment.
---
### 1. Key Technical Components
| Component | Function | Material/Type |
| :--- | :--- | :--- |
| **Circular Blade** | Performs the actual "scoring" of the glass fiber. | Tungsten Steel Alloy |
| **Fiber Holder/Slot** | Secures the 250μm or 900μm fiber in place. | Rubberized Clamp / Aluminum |
| **Automatic Return Mechanism** | Returns the blade to the starting position after a cut. | Spring-loaded Slider |
| **Offcut Collector** | Safely stores shards of glass fiber. | Plastic bin with manual/auto entry |
### 2. Electronic & Electromechanical Features
While many cleavers are purely mechanical, models in the **R/Q series** (specifically the "R" often denoting Rotating or Return) may include the following features:
#### A. Blade Management System
On some high-end iterations, a **Bluetooth module** or **NFC chip** is embedded to communicate with a Fusion Splicer. This allows the splicer to track:
* Number of cleaves performed.
* Blade wear status.
* Automated blade rotation instructions.
#### B. Sensors (Advanced Models)
If the unit is part of an automated splicing kit:
* **Position Sensors:** Detect if the lid is closed to trigger the slide.
* **Counter:** A digital or mechanical display used to track the lifespan of the 16-24 position blade.
### 3. Technical Specifications
Typical performance metrics for the KFS-3A series:
| Parameter | Specification |
| :--- | :--- |
| **Cleave Angle** | Typically < 0.5° |
| **Blade Life** | ~48,000 cleaves (16 positions × 3,000 per pos) |
| **Fiber Diameter** | 125μm (Cladding) |
| **Coating Diameter** | 250μm ~ 900μm |
| **Cleave Length** | 9mm - 16mm (Single Fiber) |
---
### 4. Maintenance of Parts
1. **Cleaning:** Use 99% Isopropyl Alcohol on the rubber pads and the blade edge.
2. **Blade Rotation:** When the cleave angle becomes inconsistent, the "electronic" tracking or manual count indicates it is time to rotate the blade to the next numbered position using a hex wrench.
3. **Spring Tension:** The internal return spring must be kept free of debris to ensure the "R" (Return) function operates smoothly.
- ⤷
How do I calibrate the blade height if the fiber is not cutting?
- ⤷ Is this model compatible with ribbon fiber or only single fiber?
- ⤷ Does this model support Bluetooth connectivity for blade management?