công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KFS-32-R

  • AI
    The **KFS-32-R** refers to a high-performance **Fiber Optic Splice Tray** or **Splice Holder** series often used in telecommunications and fiber management systems. While it is a mechanical component, its design is dictated by the requirements of handling sensitive electronic/optical signals. Below is an explanation of its components and specifications. --- ## 1. Core Technical Specifications The KFS-32-R is designed to organize and protect the fusion splices of optical fibers. | Component | Specification | | :--- | :--- | | **Material** | ABS / Polycarbonate (Flame Retardant) | | **Capacity** | 12 to 32 fibers (depending on sleeve stacking) | | **Sleeve Type** | Heat-shrinkable protection sleeves | | **Dimensions** | Standardized for 19" or 21" rack mounts | | **Mounting** | Snap-in or Screw-down mounting holes | --- ## 2. Electronic & Optical Design Features Although the tray itself does not contain active circuitry (like transistors), it is engineered for "Optical Electronics" integrity: ### A. Bend Radius Management * **Protection:** The tray features curved guides to ensure the fiber maintains a minimum bend radius (usually >30mm). * **Impact:** This prevents **Macro-bending loss**, which causes signal attenuation and degrades the performance of the optical network. ### B. Fusion Splice Protection * The "R" in the series often denotes the **Reinforced** or **Rubber** gripping mechanism for the splice sleeves. * It houses the point where two glass fibers are fused together. This junction is the most delicate part of the optical path and requires the rigid support provided by the tray to prevent micro-cracks. ### C. Signal Integrity * **EMI Shielding:** While the tray is plastic, the housing it sits in (the ODF or Termination Box) provides the necessary electromagnetic interference protection for the accompanying active electronics (like transceivers). --- ## 3. Component Breakdown 1. **Splice Comb/Holder:** The internal slots that securely grip the heat-shrink sleeves. 2. **Fiber Slack Storage:** The perimeter area of the tray used to store "buffer" fiber length for future re-splicing. 3. **Transparent Cover:** Allows technicians to visually inspect the fiber routing and splice integrity without exposing the glass to dust or moisture. --- ## 4. Typical Applications The KFS-32-R is found in the following electronic environments: * **FTTH (Fiber to the Home):** Distribution points in residential buildings. * **Data Centers:** High-density patch panels connecting servers. * **Industrial Automation:** Protecting links between PLCs and remote I/O modules over long distances.
    ✨ Follow-up Questions
    • ⤷ What is the maximum fiber count supported by the KFS-32-R series?
    • ⤷ How does this tray prevent signal attenuation in high-speed networks?
    • ⤷ Are there specific heat-shrink sleeve dimensions required for the KFS-32-R holder?