công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KEWT-3BA-R/X

  • AI
    Based on the model number **KEWT-3BA-R/X**, this typically refers to a high-precision **Current Transformer (CT)** or a **Zero-phase Current Transformer (ZCT)** often manufactured by companies like **Kewpie (Kew)** or associated with Japanese industrial electronics standards. These components are critical for leakage current detection and power monitoring. --- ### 1. Key Electronic Specifications The "R/X" suffix usually denotes specific variations in termination or sensitivity. Below is a breakdown of the typical electronic characteristics for this series: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Rated Primary Current** | 30A - 100A | The maximum load current the conductor can carry. | | **Rated Secondary Current** | mA range (e.g., 20mA) | The scaled-down output signal for the meter/relay. | | **Sensitivity** | High (mA level) | Designed to detect minute leakage currents. | | **Transformation Ratio** | 1000:1 or 3000:1 | Ratio between primary and secondary windings. | | **Frequency Range** | 50Hz / 60Hz | Optimized for standard AC power grids. | | **Insulation Voltage** | 2kV - 5kV AC | Breakdown voltage between core and winding. | --- ### 2. Internal Components & Construction The device consists of three primary electronic/physical layers: 1. **Permalloy Core:** High-permeability magnetic material used to ensure linear transformation even at very low current levels (leakage). 2. **Secondary Winding:** Precision copper wire wound around the core. The number of turns dictates the accuracy class. 3. **Burden Resistor (Optional):** Some "X" variants include an internal shunt resistor to convert current output into a voltage signal (e.g., 100mV/A). 4. **Encapsulation:** Epoxy resin casting to provide environmental protection and vibration resistance. --- ### 3. Terminal Variations (R vs. X) In Japanese industrial naming conventions: * **"R" Type:** Often indicates **Round** terminals or a specific **Ring** geometry for the primary conductor hole. * **"X" Type:** Frequently refers to a specific **Connector** type or a variation in the output terminal layout (e.g., lead wires vs. screw terminals). --- ### 4. Application Logic These parts are generally used in the following circuits: ```mermaid graph LR A[Power Line] --> B(KEWT-3BA-R/X) B --> C{Signal Processing} C --> D[ELCB / Ground Fault Relay] C --> E[Energy Monitoring System] ``` * **Earth Leakage Circuit Breakers (ELCB):** To trigger a trip if a vector sum imbalance is detected. * **Smart Meters:** For measuring power consumption in industrial distribution boards.
    ✨ Follow-up Questions
    • ⤷ What is the specific transformation ratio for the KEWT-3BA-R variant?
    • ⤷ Can this component be used for DC current sensing?
    • ⤷ What is the maximum hole diameter for the primary conductor in this model?