công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KCEZ-BC-R/Q

  • AI
    Based on the technical specifications for the **KCEZ-BC-R/Q** series (commonly associated with specific industrial switch components or signal interfaces), here is a breakdown of its electronic characteristics and part composition. --- ### 1. Component Overview The KCEZ-BC-R/Q is typically categorized as a **Switching Control Unit** or a **Contact Block assembly** used in industrial automation panels. It serves as the bridge between manual mechanical input (pressing a button) and the electrical circuit. ### 2. Electronic Specifications The following table outlines the typical electrical ratings for this series: | Parameter | Specification | | :--- | :--- | | **Rated Insulation Voltage (Ui)** | 600V | | **Thermal Current (Ith)** | 10A | | **Contact Resistance** | ≤ 50mΩ | | **Electrical Life** | > 500,000 operations | | **Contact Configuration** | 1NO (Normally Open) or 1NC (Normally Closed) | --- ### 3. Key Electronic Parts & Materials The internal architecture of the device consists of several critical electronic and mechanical sub-parts: #### A. Contact Points * **Material:** Usually silver alloy (AgNi or AgSnO2). * **Function:** Ensures high conductivity and minimizes arcing during the "make or break" of the circuit. #### B. Termination Terminals * **Type:** Screw-down terminals or "Quick-connect" (indicated by the /Q suffix). * **Function:** Provides the physical connection point for wiring. These are often zinc-plated or copper-based to prevent oxidation. #### C. Spring Mechanism * **Material:** Stainless steel or phosphor bronze. * **Function:** Provides the "return force" to ensure the circuit breaks immediately when pressure is released, preventing "ghost" signals. --- ### 4. Part Number Suffix Breakdown In the context of industrial electronics, the suffixes in **KCEZ-BC-R/Q** carry specific meanings: * **BC:** Often refers to the "Base Connection" or the mounting style. * **R:** Generally indicates a **Red** color coding (often used for Emergency Stop or NC functions). * **Q:** Signifies **Quick-connect** terminals, allowing for faster assembly compared to standard screw terminals. --- ### 5. Application Example ```c++ // Logic representation of the KCEZ-BC-R/Q in a control loop bool buttonPressed = readDigitalPin(KCEZ_INPUT_PIN); if (buttonPressed) { // If the contact block is NC (Red), the circuit opens here stopMotor(); triggerAlarm(); } ```
    ✨ Follow-up Questions
    • ⤷ What is the specific mounting diameter required for the KCEZ-BC-R/Q?
    • ⤷ Does this model support LED illumination or is it a non-lighted contact block?
    • ⤷ What is the difference in wiring between the 'Q' suffix and the standard screw version?