công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KCE-53-R/Q

  • AI
    The **KCE-53-R/Q** typically refers to a specific series of **Rotary Encoded Switches** or **Rotary Selectors**, commonly manufactured by companies like *Alpha* or *Forward*. These components are widely used in consumer electronics, automotive audio systems, and industrial control panels. --- ### 1. Technical Specifications The "R/Q" suffix usually denotes specific physical variations (such as mounting style or shaft type). Below are the general electronic and mechanical specifications: | Feature | Specification (Typical) | | :--- | :--- | | **Contact Resistance** | ≤ 100mΩ | | **Insulation Resistance** | ≥ 100MΩ at 250V DC | | **Voltage Rating** | 5V DC to 12V DC | | **Current Rating** | 0.5mA to 10mA | | **Operating Temperature** | -10°C to +70°C | | **Rotational Life** | 15,000 to 30,000 cycles | | **Pulse/Detent Count** | 12, 18, or 24 pulses per 360° | --- ### 2. Core Electronic Components The KCE-53 series is an **Incremental Rotary Encoder**. Unlike a potentiometer, it does not have a stop point and outputs digital pulses rather than varying voltage. 1. **Terminal Output (A, B, and Common):** * It uses two output signals (Phase A and Phase B). * By measuring the phase difference between A and B, the microcontroller determines the **direction** of rotation (Clockwise vs. Counter-Clockwise). 2. **Integrated Push Switch:** * Most "R/Q" models include a "momentary push" function. This adds two extra pins to the base, allowing the shaft to act as a button (e.g., "Enter" or "Select"). 3. **Detent Mechanism:** * Mechanical notches that provide tactile feedback ("clicks") to the user. --- ### 3. Connection Diagram (General) The part usually features 5 pins (3 for the encoder, 2 for the switch). ```text Pin Layout (Bottom View): [ 1 ] [ 2 ] [ 3 ] <-- Encoder Pins (A, Common/GND, B) [ 4 ] [ 5 ] <-- Push Switch Pins ``` --- ### 4. Typical Applications * **Car Audio:** Volume control and menu navigation. * **Household Appliances:** Temperature or timer settings on ovens/microwaves. * **Testing Equipment:** Digital oscilloscopes and multimeters for adjusting values. * **Computing:** Scroll wheels or multimedia controllers. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q variants in terms of shaft length?
    • ⤷ How do I debounce the signal from a KCE-53 encoder using software?
    • ⤷ Can this component be used in high-voltage AC circuits?