AI

The **KC-3SLN-R** is an electronic component manufactured by **Kingbright**. It is a high-performance, single-digit 7-segment LED display. This specific part is commonly used in digital clocks, instrument panels, and consumer electronics where numerical data visualization is required.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical and physical characteristics of the KC-3SLN-R:
| Parameter | Specification |
| :--- | :--- |
| **Display Type** | 7-Segment (Single Digit) |
| **Emitting Color** | Super Bright Red |
| **Material** | AlGaInP (Aluminum Gallium Indium Phosphide) |
| **Lens Appearance** | White Segment, Grey Face |
| **Circuit Configuration** | Common Cathode |
| **Forward Voltage ($V_F$)** | 1.85V (Typical) / 2.5V (Max) |
| **Luminous Intensity** | 14,000 - 34,000 μcd |
| **Peak Wavelength** | 660 nm |
---
### 2. Functional Components
The device consists of the following electronic sub-parts:
1. **LED Dies (Light Emitting Diodes):** There are 8 individual LEDs inside the package (7 for the segments 'a' through 'g', and 1 for the decimal point 'DP').
2. **Epoxy Resin/Reflector:** The white segments are filled with a diffusing resin to ensure uniform light distribution across the bar.
3. **Lead Frame:** A copper alloy frame that provides electrical connectivity to each internal LED.
4. **Common Cathode Pinout:** In this configuration, all the negative terminals (cathodes) of the LEDs are tied together to a single ground pin, while each segment is controlled by applying a positive voltage (Anode).
---
### 3. Application Circuit Considerations
To integrate the KC-3SLN-R into a circuit, developers must consider:
* **Current Limiting:** Since LEDs are current-driven devices, a resistor must be placed in series with each anode segment.
* *Formula:* $R = (V_{supply} - V_F) / I_{forward}$
* **Multiplexing:** If using multiple units, a microcontroller often cycles through the digits rapidly to save I/O pins.
* **Operating Temperature:** The part is rated for operation between -40°C and +85°C, making it suitable for industrial environments.
---
- ⤷
What is the difference between Common Cathode and Common Anode configurations?
- ⤷ How do I calculate the exact resistor value for a 5V supply with this display?
- ⤷ Are there alternative colors available for the KC-3 series?