KC-2JLN-R
AI

The **KC-2JLN-R** is a specific electronic component typically categorized as a **Terminal Block** or **Connector**, often associated with industrial electrical systems, power distribution, or specialized machinery.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
The KC-2JLN-R is designed to provide a secure, vibration-resistant connection point for wiring. It is frequently used in control panels and power modules where reliability is critical.
### 2. Technical Specifications
While exact specifications can vary slightly by manufacturer (often associated with brands like **Kacon** or similar industrial suppliers), the general parameters are as follows:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Terminal Block / Power Connector |
| **Mounting Type** | DIN Rail or Panel Mount |
| **Material** | Polyamide (Insulation), Copper Alloy (Contacts) |
| **Termination Method** | Screw Clamp / Bolt-on |
| **Current Rating** | High Capacity (Depends on specific gauge) |
| **Color Coding** | Often Black/Grey with specific markings |
### 3. Key Electronic Features
* **Flame Retardancy:** Usually rated **UL94-V0**, ensuring the plastic casing does not support combustion in the event of an electrical short.
* **Contact Resistance:** Engineered for low resistance to prevent heat buildup during high-current operations.
* **Insulation Voltage:** Designed to withstand high dielectric surges (often up to 600V - 1000V depending on the series).
* **Vibration Resistance:** The "R" suffix often denotes a reinforced or revised locking mechanism to prevent wire loosening in high-vibration environments.
### 4. Application Areas
* **Industrial Automation:** Used inside PLC cabinets to distribute power to sensors and actuators.
* **Power Supplies:** Acts as the interface between main AC lines and internal circuitry.
* **HVAC Systems:** Used for heavy-duty motor wiring and control signaling.
---
### 5. Identification Schematic (Typical)
If you are looking at the pinout or physical structure, it generally follows this logic:
```text
[ Input Terminal ] ----> [ Internal Busbar ] ----> [ Output Terminal ]
| | |
(Screw Tighten) (Zinc-Plated Steel) (Screw Tighten)
```
- ⤷
What is the maximum current rating (Amps) for the KC-2JLN-R?
- ⤷ Is this component compatible with standard 35mm DIN rails?
- ⤷ What are the recommended wire gauges (AWG) for this terminal?