KASD-51-R/Q
AI

Based on the part number **KASD-51-R/Q**, this component belongs to the category of **High-Reliability Solid State Switches** or **Electromagnetic Components** (often associated with specialized relay/switch manufacturers like Teledyne or specific military-grade suppliers).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. General Specifications
The KASD series typically refers to a **Solid State Relay (SSR)** or a **Remote Power Controller** designed for high-performance environments (Aerospace, Defense, or Industrial Automation).
| Feature | Description |
| :--- | :--- |
| **Component Type** | Solid State Relay / Power Controller |
| **Mounting Style** | Through-hole (PCB Mount) or Panel Mount |
| **Polarity** | DC Input / DC Output (Standard) |
| **Reliability Class** | High-Reliability (R/Q Suffixes) |
---
## 2. Part Number Suffix Breakdown
The suffixes in electronic parts provide critical information regarding screening and quality levels:
* **-R**: Typically stands for **Radiation Hardened** or **High Reliability** screening. It indicates the part has undergone specific stress testing.
* **-Q**: Often indicates **Qualified** or **QPL (Qualified Product List)** status, meaning it meets stringent military or aerospace standards (e.g., MIL-STD-883).
---
## 3. Electrical Characteristics
While specific datasheets vary by manufacturer, parts in this series generally follow these parameters:
### Input (Control) Side
* **Control Voltage:** Usually ranges from 3.8V to 32V DC.
* **Input Current:** Low power consumption, typically < 15mA.
* **Isolation:** Optical isolation between input and output to protect control logic.
### Output (Load) Side
* **Switching Type:** MOSFET or Transistor based.
* **Load Voltage:** Rated for 28V DC (Standard Aero) or up to 100V DC.
* **Load Current:** Generally rated between 1A and 5A depending on the specific sub-model.
* **On-Resistance ($R_{DS(on)}$):** Very low to minimize heat dissipation.
---
## 4. Key Advantages
1. **No Moving Parts:** Unlike mechanical relays, there is no contact bounce or arcing.
2. **Fast Switching:** Microsecond response times.
3. **Thermal Protection:** Many versions include internal thermal shutdown to prevent failure under over-current conditions.
4. **Environmental Sealing:** Usually hermetically sealed to withstand humidity and pressure changes.
---
## 5. Typical Applications
* **Avionics:** Power distribution in aircraft systems.
* **Satellite Systems:** Used where radiation hardening (-R) is mandatory.
* **Defense Electronics:** Robust switching in harsh vibration environments.
- ⤷
What is the maximum load current for the KASD-51 series?
- ⤷ How does the -R suffix compare to standard industrial grades?
- ⤷ Can you provide the pinout diagram for this specific component?